Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMX138A Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX138A
Description  Programmable Audio Scrambler
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX138A Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX138A Datasheet HTML 17Page - CML Microcircuits CMX138A Datasheet HTML 18Page - CML Microcircuits CMX138A Datasheet HTML 19Page - CML Microcircuits CMX138A Datasheet HTML 20Page - CML Microcircuits CMX138A Datasheet HTML 21Page - CML Microcircuits CMX138A Datasheet HTML 22Page - CML Microcircuits CMX138A Datasheet HTML 23Page - CML Microcircuits CMX138A Datasheet HTML 24Page - CML Microcircuits CMX138A Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Audio Scrambler and Sub-Audio Signalling Processor
CMX138A
 2014 CML Microsystems Plc
Page 21
D/138A/4
The characteristics of the 12.5kHz channel filter fit the template shown in Figure 8 and Figure 9. This filter
also facilitates implementation of systems compliant with TIA/EIA-
603 ‘A’ , ‘B’ and ‘C’ bands .
The CMX138A provides selectable pre-emphasis filtering of +6dB per octave from 300Hz to 3000Hz,
matching the template shown in Figure 10.
Figure 10 Audio Frequency Pre-emphasis
Modulator Output Routing
The sub-audio component is combined with the audio band signal and this composite signal routed to the
MOD output in accordance with the settings of:
o
AuxADC and TX MOD Mode - $A7 write
o
Analogue Output Gain - $B1 write
Input AGC
An Automatic Gain Control system can be enabled by setting the relevant bits of the Program register
P4.9. The setting of the Input 1 Gain stage is recorded when the device enters Tx mode and if the signal
exceeds the pre-set threshold, the Input 1 Gain is automatically reduced in 3.2dB steps until it falls within
the operational levels or the range of the gain stage is exhausted. When the signal level drops, the gain
will be automatically increased in 3.2dB steps at the rate set in P4.9 until the initial value has been
reached. For maximum effect the system should be designed such that the +22.4dB setting of the Input 1
Gain stage achieves the nominal levels. To ensure consistent operation, it is recommended that the
Input 1 Gain stage value be re-initialised before entering Tx mode. The signal that is used as an input to
this process can be selected to be either:
o
Output of Input1 gain stage
o
Output of the Pre-emphasis filter.
by selecting the relevant bit in P4.9. The Pre-emphasis option should only be chosen if this block is
actually in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com