Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMX972 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX972
Description  Small 32-lead VQFN Package
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX972 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX972 Datasheet HTML 13Page - CML Microcircuits CMX972 Datasheet HTML 14Page - CML Microcircuits CMX972 Datasheet HTML 15Page - CML Microcircuits CMX972 Datasheet HTML 16Page - CML Microcircuits CMX972 Datasheet HTML 17Page - CML Microcircuits CMX972 Datasheet HTML 18Page - CML Microcircuits CMX972 Datasheet HTML 19Page - CML Microcircuits CMX972 Datasheet HTML 20Page - CML Microcircuits CMX972 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Quadrature Demodulator with IF PLL/VCO
CMX972
 2015 CML Microsystems Plc
17
D/972/2
5.2
Differential Amplifiers
A pair of differential amplifiers are provided which may be used to implement filtering or buffering. These
uncommitted amplifiers may be used to implement Sallen-Key or Multiple Feedback (MFB) style filters,
buffering or configured as needed.
The amplifiers are low power and are enabled using the General Control Register (see section 6.2.1). It is
also possible for the amplifiers to be enabled with individual I and Q paths, see section 6.4.1.
5.3
Local Oscillator (LO)
The device allows for a flexible choice of routing for the LO input to the demodulator, to suit a variety of
applications.
The options available, controlled by the General Control Register (see section 6.2.1), are as follows:
The demodulator LO may be derived from the external input (RXLO) or from the internal
VCO/PLL.
The selected LO source is fed back to an integer-N PLL circuit which may be used to control the
on-chip (or an external) VCO from its Charge Pump output (DO).
Three bits in the General Control Register are used to define the allowed states. The permitted
combinations are shown in Table 13.
VCOEN
$1B, b3
PLLEN
$1B, b2
RXEN
$1B, b1
Function
0
0
0
All features disabled for low power
0
0
1
Use of demodulator with signal from RXLO pin
0
1
1
Use of demodulator with external VCO connected to
RXLO using on-chip PLL
1
1
1
Use of demodulator with LO supplied by on-chip
VCO and PLL
Note: Other combinations of control bit are illegal states and should not be used.
Table 13 LO Connections
5.3.1
Demodulator LO Input
The RXLO pin is a single-ended input for the demodulator LO signal. Internal ac coupling is provided so an
external dc blocking capacitor is not required. Note that the LO should be at twice or four times the desired
input frequency.
5.3.2
VCO and PLL
The internal VCO may be connected to the internal PLL and the demodulator. If required, an external VCO
can be connected to the PLL using the RXLO input, in this case the on-chip VCO must be disabled using
bit 3 in the General Control Register (see section 6.2.1 and Table 13).
5.3.2.1
PLL
The PLL functions are shown in Figure 12. The output frequency of the PLL is set by the following
calculation:
fout = fref x ( M / R )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com