Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMX7131 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX7131
Description  4FSK Modem
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7131 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX7131 Datasheet HTML 17Page - CML Microcircuits CMX7131 Datasheet HTML 18Page - CML Microcircuits CMX7131 Datasheet HTML 19Page - CML Microcircuits CMX7131 Datasheet HTML 20Page - CML Microcircuits CMX7131 Datasheet HTML 21Page - CML Microcircuits CMX7131 Datasheet HTML 22Page - CML Microcircuits CMX7131 Datasheet HTML 23Page - CML Microcircuits CMX7131 Datasheet HTML 24Page - CML Microcircuits CMX7131 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Digital PMR Radio Processor
CMX7131/CMX7141
 2013 CML Microsystems Plc
Page 21
D/7131/7141FI-1.x/11
6.2.3
Data Transfer
When transmitting, an initial block of payload or control channel data will need to be loaded from the host
into the C-BUS TxData registers. The CMX7131/CMX7141 can then format and transmit that data while at
the same time loading in the following data blocks from the host or CMX618.
When receiving, the host needs to consider that when a signal is received over the air there will be a
processing delay while the CMX7131/CMX7141 filters, demodulates and decodes the output data before
presenting it to the host or CMX618. For best performance voice payload data can be output in soft-
decision (4-bit log-likelihood ratio) format compatible with the CMX618/CMX608 and other third-party
vocoders, although this mode increases the data transfer rate over C-BUS by a factor of four.
6.2.4
RSSI Measurement
The AuxADC provided by the CMX7131/CMX7141 can be used to detect the Squelch or RSSI signal from
the RF section while the device is in Rx or Idle mode. This allows a significant degree of powersaving
within the CMX7131/CMX7141 and avoids the need to wake the host up unnecessarily. The host
programmable AuxADC thresholds allow for user selection of squelch threshold settings.
6.2.5
Serial Memory Connection
In all cases, the auxiliary C-BUS/SPI-Codec bus is shared with the serial memory bus, which may be used
to load
the contents of the Function Image™. Bus conflicts are avoided by the use of an additional Chip
Select signal (SSOUT). If this feature is not used then the EPSCSN pin should be left un-connected.
6.3
Introduction
This modem can run at either 4800bps or 9600bps, occupying a 6.25kHz or a 12.5kHz bandwidth RF
channel respectively. It has been designed such that, when combined with suitable RF, host controller,
CMX618/CMX608 Vocoder and appropriate control software, it meets the requirements of the EN 301 166
or EN 300 113 standards as appropriate. See www.etsi.org for details of these standards.
TS 102 490 is available on the ETSI web site (www.etsi.org) which describes a 6.25kHz channel spacing
FDMA dPMR system. This standard uses a 4FSK modulation scheme with an over-air bit rate of 4800bps
(ie. 2400 symbols per second). With respect to dPMR formatted modes of operation, this document should
be read in conjunction with the ETSI standard.
The dPMR standard does not specify a voice coding algorithm, but the CMX618 or CMX608 (also
available from CML) are both suitable devices for this purpose. In the rest of this document these two
devices are referred to generically as the CMX6x8, as the only significant difference between them is the
inclusion of an on-chip audio codec in the CMX618 while the CMX608 requires an external Audio Codec.
Version 1.5.1 of TS 102 490 introduces two additional vocoder control bits which specify which vocoder is
in use for a particular voice call. Function Image 1.1.0.0 onwards supports these additional bits, however
care should be taken if backwards compatibility with earlier implementations is to be maintained.
Note that the TS 102 490 (dPMR) standard is NOT compatible with the TS 102 361 (DMR)
12.5kHz/9600baud TDMA system.
The 9600bps option is made available for customer-specific applications only
– this mode does not
support automated control of the CMX6x8
– in which case all data should be routed via the host.
6.3.1
Modulation
The dPMR 4FSK modulation scheme operates in a 6.25kHz channel bandwidth with a deviation index of
0.29 and has an over-air bit rate of 4800bps (2400 symbols per second). RRC filters are implemented in
both Tx and Rx with a filter “alpha” of 0.2. The maximum frequency error is +/-625Hz and the
CMX7131/CMX7141 can adapt to the maximum time-base clock drift of 2ppm over the duration of a 180-
second burst. Figure 12 shows the basic parameters of the 4FSK modulation, symbol mapping and
filtering requirements.
The 9600bps mode provided by the CMX7131/CMX7141 is essentially the same as the 4800bps mode,
but with all timings modified by a factor of two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com