Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMX7164 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX7164
Description  Automatic frame sync detect
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7164 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX7164 Datasheet HTML 17Page - CML Microcircuits CMX7164 Datasheet HTML 18Page - CML Microcircuits CMX7164 Datasheet HTML 19Page - CML Microcircuits CMX7164 Datasheet HTML 20Page - CML Microcircuits CMX7164 Datasheet HTML 21Page - CML Microcircuits CMX7164 Datasheet HTML 22Page - CML Microcircuits CMX7164 Datasheet HTML 23Page - CML Microcircuits CMX7164 Datasheet HTML 24Page - CML Microcircuits CMX7164 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
CMX7164 Multi Mode Modem
CMX7164
 2015 CML Microsystems Plc
Page 21
D/7164_FI-1.x/FI-2.x/FI-4.x/FI-6.x/22
5.3
I/Q Output Reconstruction Filter
The CMX7164 I/Q Outputs provide internal reconstruction filtering with four selectable bandwidths (-3dB
point shown in section 13.1.22). The bandwidth of the internal reconstruction filter may be selected using
the I/Q Output Configuration - $B3 write or Signal Control - $61 write registers.
To complete the I/Q output reconstruction filter one of the following external RC networks should be used
for each of the differential outputs. The external RC network should have a bandwidth that matches the
bandwidth of the selected internal reconstruction filter.
Bandwidth (kHz)
R3-R6 (kOhms)
C9-C10 (pF)
100
22
33
50
20
75
25
22
150
12.5
22
270
Figure 10 Recommended External Components
– I/Q Output Reconstruction Filter
When transmitting an I/Q signal, each I/Q output will produce a signal with bandwidth half the channel
bandwidth. A reconstruction filter with a
–3dB point close to half the channel bandwidth will therefore have
significant roll off within the channel bandwidth
– which is undesirable. An appropriate choice for channels
occupying up to a 25kHz bandwidth (channel bandwidth/2 = 12.5kHz) would be a reconstruction filter of
25kHz bandwidth.
5.4
I/Q Input Antialias Filter
The device has a programmable antialias filter in the I/Q input path, which is controlled using the I/Q Input
Configuration - $B0 write or Signal Control - $61 write registers. This should be sufficient for most
applications, however if additional filtering is required it can be done at the input to the device.
The input impedance of the I/Q Input pins varies with the input gain setting, see section 12.1.3 Operating
Characteristics.
5.5
GPIO Pins
All GPIO pins are configured as inputs with an internal bus-hold circuit, after the Function
Image™ has
been loaded. This avoids the need for users to add external termination (pullup/pulldown) resistors onto
these inputs. The bus-
hold is equivalent to a 75kΩ resistor either pulling up to logic 1 or pulling down to
logic 0. As the input is pulled to the opposite logic state by the user, the bus-hold resistor will change, so
that it also pulls to the new logic state. The internal bus-hold can be disabled or re-enabled using
programming register P1.20 in Program Block 1
– Clock Control.
If the device is reset (either by asserting RESETN pin 7, issuing a C-BUS General RESET or by triggering
an internal power on reset) all GPIO pins will be immediately configured as inputs. Any GPIO pins not
being pulled either up or down by an external load will be left in a floating state until the Function Image
TM
is loaded. To avoid GPIO floating input states that may somewhat elevate supply current between a
RESET and Function Image
TM load, it will be necessary to connect pull up or pull down resistors of 220k
to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com