Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX315 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX315
Description  low distortion sinwave output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX315 Datasheet(HTML) 6 Page - CML Microcircuits

  FX315 Datasheet HTML 1Page - CML Microcircuits FX315 Datasheet HTML 2Page - CML Microcircuits FX315 Datasheet HTML 3Page - CML Microcircuits FX315 Datasheet HTML 4Page - CML Microcircuits FX315 Datasheet HTML 5Page - CML Microcircuits FX315 Datasheet HTML 6Page - CML Microcircuits FX315 Datasheet HTML 7Page - CML Microcircuits FX315 Datasheet HTML 8Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Outlines
The FX315 is available in the package styles outlined
below. Mechanical package diagrams and
specifications are detailed below.
Pin 1 identification marking is shown on the relevant
diagram and pins on all package styles number
anti-clockwise when viewed from the top.
Handling Precautions
The FX315 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
FX315P2
14-pin plastic DIL
FX315LG
24-pin quad plastic encapsulated
bent and cropped
(L1)
Ordering Information
FX315LG
24-pin encapsulated bent and
cropped
(L1)
FX315P2
14-pin plastic DIL
A
B
C
E
D
E1
F
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Z
K
K1
G
L
0.098 (2.500)
0.616 (15.65)
0.616 (15.65)
6°
6°
45°
0.039 (1.00)
0.055 (1.40)
0.033 (0.845)
0.404 (10.25)
0.394 (10.00)
0.049 (1.24)
0.006 (0.15)
0.051 (1.30)
0.009 (0.22)
0.031 (0.80)
0.524 (13.3)
0.018 (0.45)
0.250 (6.35)
0.250 (6.35)
0.022 (0.55)
0.004 (0.10)
0.045 (1.14)
0.394 (10.00)
0.404 (10.25)
K
K1
E1
F
W
A
D
B
J
E
G
(PIN 1)
C
P
IDENT
X
T
H
Z
L
NOTE : All dimensions in inches (mm.)
Angles in degrees
A & B are reference datums and do not
include mold deflash or protrusions
K
K1
H
F
J1
J
C
P
L
B
M
A
E
Z
Y
E1
T
PIN 1
A
B
C
E
E1
F
H
TYP.
MAX.
MIN.
DIM.
J
J1
P
T
Y
Z
K1
K
L
M
0.175 (4.45)
0.260 (6.60)
0.390 (9.91)
7°
5°
0.150 (3.81)
0.810 (20.57)
0.135 (3.43)
0.100 (2.54)
0.121 (3.07)
0.072 (1.83)
0.300 (7.62)
0.290 (7.37)
0.325 (8.26)
0.60 (15.24)
0.015 (0.38)
0.035 (0.89)
0.015 (0.38)
0.023 (0.58)
0.045 (1.14)
0.065 (1.65)
0.056 (1.42)
0.056 (1.42)
0.064 (1.63)
0.064 (1.63)
0.740 (18.80)
0.240 (6.10)
0.008 (0.20)
0.015 (0.38)
NOTE : All dimensions in inches (mm.)
Angles in degrees
A & B are reference datums and do not
include mold deflash or protrusions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com