Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVT412APBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVT412APBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412APBF Datasheet(HTML) 2 Page - International Rectifier

  PVT412APBF Datasheet HTML 1Page - International Rectifier PVT412APBF Datasheet HTML 2Page - International Rectifier PVT412APBF Datasheet HTML 3Page - International Rectifier PVT412APBF Datasheet HTML 4Page - International Rectifier PVT412APBF Datasheet HTML 5Page - International Rectifier PVT412APBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVT412APbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current
(see figure 1)
3.0
mA
Maximum Control Current for Off-State Resistance
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 5)
3.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Electrical Specifications 0-400V, 240ma,AC (TA= +25°C) unless otherwise specified)
Connection Diagrams
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±400
V peak
Maximum Load Current
@ TA=+40°C 5mA Control (see figure 1)
A Connection
240
mA
B Connection
260
mA
C Connection
360
mA
Maximum On-State Resistance
@TA=+25°C
100mA Pulsed Load, 5mA Control (see figures 2 & 3)
A Connection
6
Ω
B Connection
3
Ω
C Connection
2
Ω
Max. pulsed Load Current
@TA=+25°C, ±400V, 5mA Control (10mS @ 10% duty cycle)
750
mA
Maximum Off-State Leakage
@TA=+25°C, ±400V
1.0
µA
Maximum Turn-On Time
@TA=+25°C (see figures 6 & 7)
For 50mA, 100 VDC load, 5mA Control (5mS pulse width @ 50% duty cycle)
3.0
ms
Maximum Turn-Off Time
@TA=+25°C (see figures 6 & 7)
For 50mA, 100 VDC load, 5mA Control (5mS pulse width @ 50% duty cycle)
0.5
ms
Maximum Output Capacitance
@ 50VDC, f=1MHz (Cout, see figure 8)
40.0
pF
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output
1012
Ω
Maximum Capacitance, Input-Output Vd=0V, f=1MHz
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com