Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM605AL-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM605AL-AF5-R
Description  OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM605AL-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UM605AL-AF5-R Datasheet HTML 1Page - Unisonic Technologies UM605AL-AF5-R Datasheet HTML 2Page - Unisonic Technologies UM605AL-AF5-R Datasheet HTML 3Page - Unisonic Technologies UM605AL-AF5-R Datasheet HTML 4Page - Unisonic Technologies UM605AL-AF5-R Datasheet HTML 5Page - Unisonic Technologies UM605AL-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UM605A/B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R105-033.E
MARKING
UM605A
UM605B
54
3
2
1
UME2
L : Lead Free
G: Halogen Free
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
INTERNAL CIRCUIT DIAGRAM
1
OUT
Output Pin
1
2
GND
Ground
3
INB
Input Pin
3
4
4
INA
5
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com