Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANT-868-CW-HWR-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-868-CW-HWR-RPS
Description  ANT-868-CW-HWR-RPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-868-CW-HWR-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-868-CW-HWR-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
™
ANT-868-CW-HWR-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
HWR Series 1/2-wave center-fed dipole antennas deliver
outstanding performance in a rugged and cosmetically
attractive package. The articulating base allows the
antenna to tilt 90 degrees and rotate 360 degrees. The
antenna's internal counterpoise eliminates external ground
plane dependence and maximizes performance. HWR
Series antennas attach via a standard SMA or Part 15
compliant RP-SMA connector. Custom colors and
connectors are available for volume OEM customers.
5.59”
(142.0)
1.02”
(26.0)
0.32”
(8.2)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
0.39”
(10.0)
4.57”
(116.0)
Polar Plot & Gain Information
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-26-10
• Internal counterpoise
• Low cost
• Tilts and rotates
• Omni-directional pattern
• Outstanding VSWR
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Custom colors and terminations for volume OEMs
• Internal O-ring seal on connector
• Center Freq.
868MHz
• Recmd. Freq. Range
853-883MHz
• Wavelength
1/2-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-868-CW-HWR-RPS (with RP-SMA connector)
• ANT-868-CW-HWR-SMA (with SMA connector)
CENTER 868.000MHz
SPAN 200.000MHz
S11 SWR
1.125


Similar Part No. - ANT-868-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-868-CW-HW LINX-ANT-868-CW-HW Datasheet
332Kb / 2P
Rugged & damage-resistant
11/18/13
logo
List of Unclassifed Man...
ANT-868-CW-HW-SMA ETC2-ANT-868-CW-HW-SMA Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-868-CW-HW-SMA LINX-ANT-868-CW-HW-SMA Datasheet
332Kb / 2P
Rugged & damage-resistant
11/18/13
More results

Similar Description - ANT-868-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
RELAY MINIATURE POWER RELAY-TYPE RPS
logo
List of Unclassifed Man...
ANT-315-SP ETC2-ANT-315-SP Datasheet
286Kb / 1P
ANT-315-SP
ANT-418-CW-RAH ETC2-ANT-418-CW-RAH Datasheet
130Kb / 1P
ANT-418-CW-RAH
ANT-868-JJB-RA ETC2-ANT-868-JJB-RA Datasheet
179Kb / 1P
ANT-868-JJB-XX
ANT-315-HESM ETC2-ANT-315-HESM Datasheet
86Kb / 1P
ANT-315-HETH
ANT-433-CW-RCS ETC2-ANT-433-CW-RCS Datasheet
131Kb / 1P
ANT-433-CW-RCS
logo
PHOENIX CONTACT
1090616 PHOENIX-1090616 Datasheet
303Kb / 7P
Antenna - ANT-OMNI-VAN-868-01
12/24/2021
2702136 PHOENIX-2702136 Datasheet
243Kb / 6P
Antenna - ANT-OMNI-868-01
12/24/2021
2702137 PHOENIX-2702137 Datasheet
787Kb / 16P
Antenna - ANT-DIR-868-01
Dec 6, 2022
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com