Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX894LC/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX894LC/D
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894LC/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX894LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX894LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(Typical Operating Circuit, TA = +25°C, unless otherwise noted.)
0
0
QUIESCENT CURRENT
vs. INPUT VOLTAGE
4
8
28
INPUT VOLTAGE (V)
5
20
12
16
23
24
14
6
ONA = ONB = GND
IOUT A = IOUT B = 0
12
-40
100
QUIESCENT CURRENT
vs. TEMPERATURE
24
TEMPERATURE (°C)
60
20
18
22
16
14
020
-20
40
80
VIN = 5V
VIN = 3V
0
-40
OFF-SUPPLY CURRENT
vs. TEMPERATURE
0.01
0.02
0.07
TEMPERATURE (°C)
80
0.05
0.03
0.04
020
40
0.06
-20
60
100
0
-40
OFF-SWITCH CURRENT
vs. TEMPERATURE
0.01
0.02
0.07
TEMPERATURE (°C)
80
0.05
0.03
0.04
020
40
0.06
-20
60
100
0
0
NORMALIZED OUTPUT CURRENT
vs. OUTPUT VOLTAGE
0.2
0.4
1.4
OUTPUT VOLTAGE (V)
5
1.0
0.6
0.8
23
1.2
14
6
VIN = 5V
ILIMIT
-40
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
0.6
0.7
1.3
TEMPERATURE (°C)
80
1.0
0.8
0.9
020
40
1.1
1.2
-20
60
100
IOUT = 1/2 ILIMIT
0
0
140
IOUT/ISET vs. ILIMIT
200
400
1600
ILIMIT (%)
120
1000
600
800
40
60
80
1200
1400
20
100
60
-40
TURN-ON TIME
vs. TEMPERATURE
80
100
120
260
TEMPERATURE (°C)
80
180
140
160
020
40
200
220
240
-20
60
100
ILOAD = ILIMIT
VIN = 5V
VIN = 3V
-40
TURN-OFF TIME
vs. TEMPERATURE
0
1
7
TEMPERATURE (°C)
80
4
2
3
020
40
5
6
-20
60
100
VIN = 3V
VIN = 5V
ILOAD = ILIMIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com