Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M4670G-K08-3030-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M4670G-K08-3030-R
Description  FITERLESS HIGH EFFICIENCY 3W SWITCHING AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4670G-K08-3030-R Datasheet(HTML) 7 Page - Unisonic Technologies

  M4670G-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 6Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 7Page - Unisonic Technologies M4670G-K08-3030-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M4670
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-442.d
APPLICATION INFORMATION (Cont.)
Input capacitors can be used in a differential configuration as shown in Fig. 4. Equation (3) above is used to
determine the value of the Ci capacitors for a desired frequency, Equation (2) above is used to determine the value
of the Ri resistors for a desired gain.
The M4670 can be used for amplification of multiple audio sources. The application configuration as shown in
Fig. 5. Each input gain can be independently set the maximum use of each input and the design equation (2) on the
Ri resistors of flexibility. Input capacitance can be used with one or more than one source, as well as the different
frequency response according to the source or DC voltage, if necessary from the source block.
SINGLE-ENDED CIRCUIT CONFIGURATIONS
The M4670 can be used for single-ended input capacitance of the source, but will need to enter the terminal to
prevent any DC. For the gain equations, Equation (2), frequency response, Equation (3), the typical application
configuration as shown in Fig. 6.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com