Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANT-DB1-RMT-TNC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-DB1-RMT-TNC
Description  Omni-directional pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-DB1-RMT-TNC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-DB1-RMT-TNC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Product Dimensions
Description
Electrical Specifications
Ordering Information
Rev 07-22-08
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
VSWR Graph
0.55”
(14.0)
Designed for permanent mounting through a metal
surface such as an automobile roof or trunk, this
compact
RMT
antenna
offers
outstanding
performance in a durable and futuristic housing. The
antenna may be operated at either or both of two
frequency bands. It is supplied with 14.1 feet (4.3m)
of RG-58 cable and can be terminated in an FCC Part
15 compliant RP-SMA connector or a TNC connector.
ANT-DB1-RMT-xxx DATA SHEET
1.08”
(27.4)
1.65”
(41.9)
1.73”
(44.0)
1.08”
(27.5)
0.28”
(7.0)
Standard
0.525-0.550”
(13.34-13.97)
Anti-Rotation
0.452-0.455”
(11.48-11.56)
0.52”
(13.1)
0.44”
(11.3)
Suggested Mounting Holes
3.69”
(93.7)
Typical VSWR
S11 SWR
1.791
CENTER
868.000MHz
CENTER 1 800.000MHz
SPAN 200.000MHz
1.354
• Dual-band (860-960MHz and 1.8GHz)
• Compact & futuristic
• Through-hole mount
• Low VSWR
• Excellent performance
• Omni-directional pattern
• Fully weatherized
• Durable construction
• RP-SMA or TNC connector
• Freq. Bands. Band 1 860-960MHz
Band 2 1.8GHz
• Bandwidth
200MHz
• Wavelength
1/4-wave
• VSWR
<1.5 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or TNC
• Cable
14.1’ RG-58 coax
• ANT-DB1-RMT-RPS (with RP-SMA connector)
• ANT-DB1-RMT-TNC (with TNC connector)


Similar Part No. - ANT-DB1-RMT-TNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-RMS-TNC ETC2-ANT-DB1-RMS-TNC Datasheet
185Kb / 1P
RP-SMA or TNC connector
More results

Similar Description - ANT-DB1-RMT-TNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-315-PW-LP ETC2-ANT-315-PW-LP Datasheet
174Kb / 1P
Omni-directional pattern
ANT-418-PW-LP ETC2-ANT-418-PW-LP Datasheet
173Kb / 1P
Omni-directional pattern
ANT-433-PW-LP ETC2-ANT-433-PW-LP Datasheet
173Kb / 1P
Omni-directional pattern
ANT-433-PW-RA ETC2-ANT-433-PW-RA Datasheet
170Kb / 1P
Omni-directional pattern
ANT-868-PW-QW ETC2-ANT-868-PW-QW Datasheet
142Kb / 1P
Omni-directional pattern
ANT-916-PW-LP ETC2-ANT-916-PW-LP Datasheet
196Kb / 1P
Omni-directional pattern
ANT-916-PW-QW ETC2-ANT-916-PW-QW Datasheet
142Kb / 1P
Omni-directional pattern
logo
Linx Technologies
ANT-2.4-LCW LINX-ANT-2.4-LCW Datasheet
1Mb / 11P
Omni-directional pattern
10/18/2018
ANT-2.4-PW-LP LINX-ANT-2.4-PW-LP Datasheet
402Kb / 2P
Omni-directional pattern
12/4/13
ANT-315-CW-RCS LINX-ANT-315-CW-RCS Datasheet
367Kb / 2P
Omni-directional pattern
12/9/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com