Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA2091 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA2091
Description  36-40GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2091 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA2091 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
36-40GHz Low Noise Amplifier
CHA2091
Ref. : DSCHA20917150 - 30 May 07
5/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Tamb = +25°C
Vd = +4V ; Id = 45mA
Freq = 37GHz
0
2
4
6
8
10
12
14
16
-12
-10
-8
-6
-4
-2
0
2
4
6
Input Power ( dBm )
0
2
4
6
8
10
12
14
16
Freq = 39.5GHz
0
2
4
6
8
10
12
14
16
-14
-12
-10
-8
-6
-4
-2
0
2
4
Input Power ( dBm )
0
2
4
6
8
10
12
14
16
Typical Output Power and Gain measurements in test jig
(included losses of the jig)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com