Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX636JC/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MX636JC/D
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX636JC/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MX636JC/D Datasheet HTML 3Page - Maxim Integrated Products MX636JC/D Datasheet HTML 4Page - Maxim Integrated Products MX636JC/D Datasheet HTML 5Page - Maxim Integrated Products MX636JC/D Datasheet HTML 6Page - Maxim Integrated Products MX636JC/D Datasheet HTML 7Page - Maxim Integrated Products MX636JC/D Datasheet HTML 8Page - Maxim Integrated Products MX636JC/D Datasheet HTML 9Page - Maxim Integrated Products MX636JC/D Datasheet HTML 10Page - Maxim Integrated Products MX636JC/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
True RMS-to-DC Converters
_______________________________________________________________________________________
7
R3
25k
R4
50k
12k
R2
25k
12k
A1
A4
A2
VIN R-1
I1
I3
I4
IREF
Q1
Q2
Q3
A3
Q4
Q5
14
10
9
8
1
3
4
5
6
7
VIN
-VS
IOUT
0.2mA
F.S.
0.4mA
F.S.
+VS
COM
dB
OUT
BUFF
OUT
BUFF
IN
RL
CAV
R1
25k
BUFFER
25k
ABSOLUTE VALUE/
VOLTAGE-CURRENT
CONVERTER
ONE-QUADRANT
SQUARER/DIVIDER
CURRENT MIRROR
MX536A
Figure 1. MX536A Simplified Schematic
14
13
12
11
10
9
8
1
2
3
4
5
6
7
8
VOUT
9
10
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
VIN
-VS
+VS
+VS
-VS
VOUT
CAV
CAV
MX536A
MX636
Figure 2. MX536A/MX636 Standard RMS Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com