Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA3212-N24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3212-N24-R
Description  2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3212-N24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3212-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PA3212
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-310.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3 ~ VDD ~ +0.3
V
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +85
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°С, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Supply Voltage
VDD
4.5
5
5.5
V
SHUTDOWN
2
V
High-Level Input voltage
VIH
SE/BTL, HP/LINE, GAIN0, GAIN1
0.8×VDD
V
SHUTDOWN
0.8
V
GAIN0, GAIN1
0.4
×VDD
V
Low-Level Input voltage
VIL
SE/ BTL , HP/ LINE
0.6
×VDD
V
DC Differential Output Voltage
VOUT(DIFF) VIN=0V,Gain=2V/V
25
mV
BTL Mode
6
8
mA
Supply Current in Mute Mode
IDD
SE Mode
3
4
mA
Supply Current, Shutdown Mode
IDD(SD)
VDD=5V
150
300
µA
High-Level Input Current
|IIH|
VDD=5.5V, VIN=VDD
900
nA
Low-Level Input Current
|IIL|
VDD=5.5V, VIN=0V
900
nA
Operating Free-Air Temperature
Ta
-40
85
°С
AC ELECTRICAL CHARACTERISTICS (VDD = 5.0V, RL = 8Ω, unless otherwise noted )
THD=1%, BTL, RL=3Ω, G=2V/V
2.05
W
Output Power
POUT
THD=10%, BTL, RL=3Ω, G=2V/V
2.6
Total Harmonic Distortion Plus Noise
THD+N
0.65
%
Max Output Power Bandwidth
BOM
POUT=1W, BTL, RL= 8Ω, G=2V/V
THD= 5%
15
kHz
Power Supply Ripple Rejection
PSRR
f=1kHz, BTL, G=2V/V, CBYP=0.47µF
72
dB
CBYP=0.47µF,BTL, G=2V/V
20
µVRMS
Output Noise Voltage
eN
CBYP=0.47µF, SE, G=2V/V
18
µVRMS
Signal-to-Noise Ratio
SNR
105
dB
Note: Output power is measured at the output terminals of the IC at 1kHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com