Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA3427G-N24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3427G-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3427G-N24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3427G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA3427
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-357.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Power Dissipation (TA=25°C)
PD
2.7
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
(TA=25°C)
Supply voltage
VDD
4.5
5
5.5
V
High-Level Input Voltage
VIH
SE/ BTL , HP/ LINE , SHUTDOWN
GAIN0, GAIN1
2
V
Low-Level Input Voltage
VIL
SE/ BTL , HP/ LINE , SHUTDOWN
GAIN0, GAIN1
0.8
V
DC Differential Output Voltage
VO(DIFF)
VDD= 5V,Gain = 2V/V
5
50
mV
Supply Current in Mute Mode
IDD
VDD= 5V, Stereo BTL
7.5
13
mA
VDD= 5V, Stereo SE
4
7
mA
IDD in Shutdown Mode
ISD
VDD= 5V
160
300
µA
AC ELECTRICAL CHARACTERISTICS
(Ta=25°C, VDD = 5.0V, RL = 4Ω)
Output Power (Note)
POUT
THD =1%, BTL, RL= 4Ω, G=-2V/V
2
W
THD =1%, BTL, RL= 8Ω, G=-2V/V
1.25
W
THD =10%, BTL, RL= 4Ω, G=-2V/V
2.5
W
THD =10%, BTL,RL= 8Ω, G=-2V/V
1.6
W
THD = 0.1%, SE,RL= 32Ω
85
mW
Total Harmonic Distortion Plus
Noise
THD+N
POUT= 1.6W, BTL,RL= 4Ω,G=-2V/V
100
m%
POUT= 1W, BTL, RL= 8Ω,G=-2V/V
60
m%
POUT= 75mW, SE, RL= 32Ω
80
m%
VIN = 1V, RL= 10kΩ,SE
30
m%
Max Output Power Bandwidth
BW
THD = 5%
>15
kHz
Power Supply Rejection
PSRR
F=1kHz,BTL,G=-2V/V, CBYP=1µF
68
dB
Channel-to-Channel
Output Separation
f = 1kHz
80
dB
Line/HP Input Separation
80
dB
BTL Attenuation (SE mode)
85
dB
Signal-to-Noise Ratio
SNR
POUT= 500mW, BTL, G=2V/V
90
dB
Output Noise Voltage
EN
BTL,G=2V/V, A Weighted filter
45
µVrms
Note: Output power is measured at the output terminals of the IC at 1kHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com