Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S486L-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # S486L-S08-R
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486L-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button S486L-S08-R Datasheet HTML 3Page - Unisonic Technologies S486L-S08-R Datasheet HTML 4Page - Unisonic Technologies S486L-S08-R Datasheet HTML 5Page - Unisonic Technologies S486L-S08-R Datasheet HTML 6Page - Unisonic Technologies S486L-S08-R Datasheet HTML 7Page - Unisonic Technologies S486L-S08-R Datasheet HTML 8Page - Unisonic Technologies S486L-S08-R Datasheet HTML 9Page - Unisonic Technologies S486L-S08-R Datasheet HTML 10Page - Unisonic Technologies S486L-S08-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
S486
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R502-074,C
ELECTRICAL CHARACTERIST(Cont.) (Ta = 25°С, GND = 0V, unless otherwise specified)
For VCC = +2V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOL : RL = 32Ω
0.24
0.29
VOH : RL = 32Ω
1.67
1.73
VOL : RL = 16Ω
0.33
0.41
Output Swing
VOUT
VOH : RL = 16Ω
1.53
1.63
V
Input Offset Voltage
VI(OFF)
VICM = VCC/2
1
mV
Supply Current
ICC
No input signal, no load
1.7
2.5
mA
Stand By Current
ISTB
No input signal, VSTB=GND, RL=32Ω
10
1000
nA
Input Bias Current
II(BIAS)
VICM = VCC/2
90
200
nA
Max Output Current
IOUT
THD +N≤1%,
RL=16Ω connected between out and VCC/2
33
41
mA
RL = 16Ω
12
THD+N = 0.1% Max, F= 1kHz
RL = 32Ω
8
RL = 16Ω
9.5
13
Output Power
POUT
THD+N = 1% Max, F= 1kHz
RL = 32Ω
7
9
mW
RL = 32Ω, POUT= 60mW, 20Hz≤F≤20kHz
0.3
Total Harmonic Distortion +
Noise (Gv=-1)
THD+N
RL = 16Ω, POUT= 90mW, 20Hz≤F≤20kHz
0.3
%
Power Supply Rejection Ratio
PSRR
inputs grounded (GV=-1)(Note) ,RL≧16Ω,
CB=1mF, F = 1kHz, VRIPPLE = 200mVPP
52
57
dB
Signal-to-Noise Ratio
SNR
(A weighted, GV=-1)(Note), RL = 32Ω,
THD +N < 0.4%, 20Hz≤F≤20kHz
80
93
dB
RL = 16Ω
77
Channel Separation,
GV=-1, F = 1kHz
RL = 32Ω
80
RL = 16Ω
69
Crosstalk
CT
Channel Separation,
GV=-1, F = 20Hz ~ 20kHz
RL = 32Ω
76
dB
Input Capacitance
CIN
1
pF
Gain Bandwidth Product
GBP
RL = 32Ω
1.1
MHz
Slew Rate
SR
Unity Gain Inverting (RL = 16Ω)
0.4
V/µs
Note: Guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com