Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLCCE0020122 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # PLCCE0020122
Description  AC Input 90-305Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLCCE0020122 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLCCE0020122 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLCCE0020122 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
※
※
※
※
Reference
-40 to +80℃
-20 to +60℃@full load
◆ ROHS Compliant
LCCE-020 122
1
1.2
min.
norm.
max.
◆ Dimension (L*W*H): 5.28 * 1.65 * 1.3 inch
◆ AC Input 90~305Vac
◆ Protection: SCP / OVP / OCP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor:>0.95@115Vac;>0.9@230Vac;@full load
◆ Safety: UL / TUV / CB / CQC
◆ EMC: CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 134 * 42 * 33.1 mm
8
14
Range:47-63Hz, Normal:50-60Hz
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
SAFETY
INPUT FREQUENCY
STORAGE TEMPERATURE
TEMP. COEFFICIENT
OVER CURRENT PROTECTION
OPERATING TEMP.*(4)
OVER V, PROTECTION
short circuit protection will restart automatically after the fault condition is removed
<0.7mA/240VAC
SHORT CIRCUIT PROTECTION
*(8)
Constant Current
Shut down and latch off o/p voltage , re-power on to recover
Module : LCCE-020 122
FEATURES
PRESET ACCURACY (%) *(7)
EMI
0.03% / ℃ (0-50℃, typ)
UL 60950-1 / TUV EN61347-2-13 / CB / CQC
CE EN55015
DIMENSIONS(L*W*H)
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
OUTPUT CURRENT(A) *(5)
LEAKAGE CURRENT
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
AC CURRENT
O/P NOISE (P-P, V) *(3)
INPUT VOLTAGE RANGE
LOAD REGULATION (%)
ACTIVE POWER FACTOR
INRUSH CURRENT (typ)
RELATIVE HUMIDITY
10 to +90%, non-cond.
DC OUTPUT VOLTAGE RANGE (V)
LINE REGULATION (%) *(6)
90-305VAC, 127-431VDC, Normal:100-277VAC
PF>0.95@115VAC , PF>0.9 @230VAC at full load and rated output voltage
COLD START 10A @ 230VAC
0.4A/115VAC 0.2A/230VAC
Model NO.
Part NO.
Constant Current Power Supply
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
LCCE-020 122
PLCCE0020 122
Model Name
SIZE
2
80%
16.8 W
1
1
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - PLCCE0020122

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0020112 LINKCOM-PLCCE0020112 Datasheet
111Kb / 2P
AC Input 90-305Vac
PLCCE0020142 LINKCOM-PLCCE0020142 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0020152 LINKCOM-PLCCE0020152 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0020172 LINKCOM-PLCCE0020172 Datasheet
114Kb / 2P
AC Input 90-305Vac
More results

Similar Description - PLCCE0020122

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017501 LINKCOM-PLCCE0017501 Datasheet
105Kb / 2P
AC Input 90-305Vac
PLCCE0020112 LINKCOM-PLCCE0020112 Datasheet
111Kb / 2P
AC Input 90-305Vac
PLCCE0020142 LINKCOM-PLCCE0020142 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0020172 LINKCOM-PLCCE0020172 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0020851 LINKCOM-PLCCE0020851 Datasheet
113Kb / 2P
AC Input 90-305Vac
PLCCE0025122 LINKCOM-PLCCE0025122 Datasheet
113Kb / 2P
AC Input 90-305Vac
PLCCE0025152 LINKCOM-PLCCE0025152 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0040342 LINKCOM-PLCCE0040342 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCCE0045951 LINKCOM-PLCCE0045951 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCVE0060125 LINKCOM-PLCVE0060125 Datasheet
214Kb / 2P
AC Input 90-305Vac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com