Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R4-30MLD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN2R4-30MLD
Description  N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R4-30MLD Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN2R4-30MLD_15 Datasheet HTML 1Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 2Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
PSMN2R4-30MLD
N-channel 30 V, 2.4 mΩ logic level MOSFET in LFPAK33 using
NextPowerS3 Technology
PSMN2R4-30MLD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
11 August 2015
3 / 13
7. Marking
Table 4.
Marking codes
Type number
Marking code
PSMN2R4-30MLD
2D430L
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
30
V
VDGR
drain-gate voltage
25 °C ≤ Tj ≤ 175 °C; RGS = 20 kΩ
-
30
V
VGS
gate-source voltage
-20
20
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
91
W
VGS = 10 V; Tmb = 25 °C; Fig. 2
[1]
-
70
A
ID
drain current
VGS = 10 V; Tmb = 100 °C; Fig. 2
[1]
-
70
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb = 25 °C; Fig. 3
-
580
A
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering temperature
-
260
°C
Source-drain diode
IS
source current
Tmb = 25 °C
[1]
-
70
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
580
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS = 10 V; Tj(init) = 25 °C; ID = 25 A;
Vsup ≤ 30 V; RGS = 50 Ω; unclamped;
tp = 419 µs
[2]
-
204
mJ
[1] Continuous current is limited by package
[2] Protected by 100% test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com