Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3355L-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M3355L-P08-R
Description  2-INPUT SINGLE VIDEO SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3355L-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M3355L-P08-R Datasheet HTML 1Page - Unisonic Technologies M3355L-P08-R Datasheet HTML 2Page - Unisonic Technologies M3355L-P08-R Datasheet HTML 3Page - Unisonic Technologies M3355L-P08-R Datasheet HTML 4Page - Unisonic Technologies M3355L-P08-R Datasheet HTML 5Page - Unisonic Technologies M3355L-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M3355
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R124-001.Ba
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
DIP-8
500
SOP-8
300
Power Dissipation
TSSOP-8
PD
250
mW
Operating Temperature
TOPR
-20~+75
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Operating Voltage
V
+
4.75
13.0
V
Operating Current
Icc
S1=S2=S3=1
8.5
11.0
mA
Frequency Characteristic (1)
G11
Vi=2.5Vpp, Vo(20Hz)/Vo(100kHz)
0
±1.0
dB
Frequency Characteristic (2)
G12
Vi=2.0Vpp, Vo(10MHz)/Vo(100kHz)
0
±1.0
dB
Voltage Gain
Gv
Vi=2.5Vpp, 100kHz, Vo/Vi
-0.5
0
dB
Total Harmonic Distortion
THD
Vi=2.5Vpp, 1kHz
0.01
%
Differential Gain
DG
Vi=2Vpp standard staircase signal
0
%
Differential Phase
DP
Vi=2Vpp standard staircase signal
0
deg
Output Offset Voltage
Voff
S1=S2=1, S3=1~2, Vo voltage change
0
±15
mV
Crosstalk
CT
(S1=S3=1, S2=2) and (S1=S3=2, S2=1),
Vi=2.0Vp-p, 4.43MHz, Vo/Vi
-70
dB
VCH
Garanteed voltage of all switch on
2.4
Switch Change Voltage
VCL
Garanteed voltage of all switch off
0.8
V
Input Impedance
RI
15
kΩ
Output impedance
RO
10
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com