Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U7SB3157G-SM2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U7SB3157G-SM2-R
Description  SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SB3157G-SM2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U7SB3157G-SM2-R Datasheet HTML 1Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 2Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 3Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 4Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 5Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 6Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U7SB3157
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-604.a
ABSOLUTE MAXIMUM RATING(Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
-0.5 ~ +6.5
V
Analog Voltage(NC,NO,COM)
VNC VNO VCOM
-0.5 ~ V+ + 0.5V
V
Analog Port Diode Current
(VNC VNO VCOM<0 or VNC VNO VCOM> V+)
II/OK
±50
mA
On-State Switch Current
(VNC VNO VCOM=0 to V+)
INC INO ICOM
±50
mA
Digital Input Voltage
VIN
-0.5 ~ +6.5
V
Digital Input Clamp Current (VIN<0)
IIK
-50
mA
V+ or GND Current
I+
±100
mA
Operating Temperature
TOPR
-40 ~ + 85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
1.65 ~ 5.5
V
Analog Signal Voltage
VNC VNO VCOM
0 ~ V+
V
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
165
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com