Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONREVSMA015 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONREVSMA015
Description  RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONREVSMA015 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONREVSMA015 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
BE CU
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONREVSMA015
1.0
INCHES (mm)
9/7/2006
0.055
(1.40)
Ø0.236
(6.00)
Ø0.358
(9.10)
O-RING
0.374
(9.50)
Ø0.154
(3.90)
CRIMP RING
0.020
(0.50)
Ø0.402
(10.20)
WASHER
0.065
(1.65)
1/4-36UNS-2B
THREADS
H0.315
(8.00)
NUT
Ø0.049
(1.24)
Ø0.024
(0.60)
0.661
(16.80)
Ø0.020
(0.50)
PIN
0.228
(5.80)
SIDE VIEW
0.083
(2.10)
0.980
(24.90)
0.472
(12.00)
FLAT 0.228
(5.80)
Ø0.102
(2.60)
H0.433
(11.00)
1/4-36UNS-2A
THREADS
1/4-36UNS-2A
THREADS
Crimp Ring
Nickel
Brass
O Ring
Rubber
SI Rubber
Nut
Nickel
Brass
Washer
Nickel
Brass
RP-SMA FEMALE BULKHEAD MOUNT CABLE
END CRIMP WITH O-RING FOR RG174 CABLE


Similar Part No. - CONREVSMA015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
List of Unclassifed Man...
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA011-R58 ETC2-CONREVSMA011-R58 Datasheet
155Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONREVSMA015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVMCX005 ETC2-CONREVMCX005 Datasheet
172Kb / 1P
RP-MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA014 ETC2-CONREVSMA014 Datasheet
187Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONREVSMA014-R178 ETC2-CONREVSMA014-R178 Datasheet
294Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG178 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA014 ETC2-CONSMA014 Datasheet
190Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA015 ETC2-CONSMA015 Datasheet
261Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONSMA014-R178-G LINX-CONSMA014-R178-G Datasheet
353Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
21/JAN/19
CONREVSMA005-G LINX-CONREVSMA005-G Datasheet
383Kb / 2P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com