Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONSMA013.031 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA013.031
Description  SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA013.031 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA013.031 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Washer
Gold
PH Bronze
Gasket
Rubber
SI Rubber
Brass
BE CU
B
CJ
7/30/09
B
Revised Footprint Dimension
30-Jul-09
CJ
SMA MALE EDGE MOUNT
FOR 0.031" THICK BOARD
CONSMA013.031
RECOMMENDED FOOTPRINT
0.20
0.06
0.10
0.10
0.065
(1.65)
0.500
(12.70)
0.187
(4.75)
0.687
(17.45)
0.250
(6.35)
0.010
(1.00)
0.010
(1.00)
0.030
(0.75)
0.040 (1.02)
0.370 (0.94)
0.105 (2.66)
0.311
(7.90)
SIDE VIEW
BACK VIEW
1/4-36UNS-2A
THREADS


Similar Part No. - CONSMA013.031

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA013.031 LINX-CONSMA013.031 Datasheet
155Kb / 2P
SMA MALE EDGE MOUNT FOR 0.031" BOARD
More results

Similar Description - CONSMA013.031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA003.031 ETC2-CONREVSMA003.031 Datasheet
164Kb / 1P
RP-SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD
CONREVSMA003.031-L ETC2-CONREVSMA003.031-L Datasheet
163Kb / 1P
RP-SMA FEMALE EDGE MOUNT FOR 0.031 THICK BOARD, EXTENDED
CONREVSMA006.031 ETC2-CONREVSMA006.031 Datasheet
204Kb / 1P
RP-SMA FEMALE EDGE MULTI-MOUNT FOR 0.031 THICK BOARD
CONREVSMA013.031 ETC2-CONREVSMA013.031 Datasheet
222Kb / 1P
RP-SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
CONSMA003.031 ETC2-CONSMA003.031 Datasheet
148Kb / 1P
SMA FEMALE EDGE MOUNT FOR 0.031 THICK BOARD
CONSMA003.031-L ETC2-CONSMA003.031-L Datasheet
163Kb / 1P
SMA FEMALE EDGE MOUNT FOR 0.031 THICK BOARD, EXTENDED
logo
Linx Technologies
CONSMA013.031 LINX-CONSMA013.031 Datasheet
155Kb / 2P
SMA MALE EDGE MOUNT FOR 0.031" BOARD
CONSMA020.031-G LINX-CONSMA020.031-G Datasheet
130Kb / 2P
SMA FEMALE EDGE MOUNT FOR 0.031" BOARD, GOLD
19-NOV-19
CONSMA003.031-G LINX-CONSMA003.031-G Datasheet
373Kb / 3P
SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD
23/JAN/19
CONSMA003.031-L-G LINX-CONSMA003.031-L-G Datasheet
394Kb / 3P
SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD, EXTENDED
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com