Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PUSB2X4D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PUSB2X4D
Description  ESD protection for high-speed interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB2X4D Datasheet(HTML) 5 Page - NXP Semiconductors

  PUSB2X4D_15 Datasheet HTML 1Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 2Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 3Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 4Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 5Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 6Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 7Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 8Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PUSB2X4D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 5 November 2013
5 of 11
NXP Semiconductors
PUSB2X4D
ESD protection for high-speed interfaces
The device uses an advanced clamping structure, which shows a negative dynamic
resistance. This snap-back behavior strongly reduces the clamping voltage to the system
behind the ESD protection during an ESD event. Do not connect unlimited DC current
sources to the data lines to avoid keeping the ESD protection device in snap-back state
after exceeding breakdown voltage (due to an ESD pulse for instance).
IEC 61000-4-5; tp =8/20 s; positive pulse
IEC 61000-4-5; tp =8/20 s; negative pulse
Fig 4.
Dynamic resistance with positive clamping;
typical values
Fig 5.
Dynamic resistance with negative clamping,
typical values
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 6.
Dynamic resistance with positive clamping,
typical values
Fig 7.
Dynamic resistance with negative clamping;
typical values
VCL (V)
05
4
23
1
aaa-009808
2
4
6
IPP
(A)
0
VCL (V)
-3
0
-1
-2
aaa-009809
-4
-2
0
IPP
(A)
-6
aaa-009810
VCL (V)
012
8
4
6
9
3
12
15
I
(A)
0
VCL (V)
-8
0
-2
-6
-4
aaa-009811
-9
-6
-12
-3
0
I
(A)
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com