Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC34018G-S28-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC34018G-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34018G-S28-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC34018G-S28-R Datasheet HTML 1Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 2Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 3Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 4Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 5Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 6Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34018G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC34018
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R108-006.E
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RR
A resistor to ground provides a reference current for the transmit and receive attenuators
2
RTX
A resistor to ground determines the nominal gain of the transmit attenuator, the transmit
channel gain is inversely proportional to RTX resistance.
3
TXI
Transmit Attenuator Input, Input resistance is nominally 5.0kΩ.
4
TXO
Transmit Attenuator Output, The TXO output signal drivers the input of transmit level
detcetor, as well as the external circuit which drivers the telephone line.
5
TLI
Transmit Level detector Input. An external resistor ac coupled to The TLI pin sets the
detection level. Decreasing this resistor increases the sensitivity to transmit channel
signals.
6
TLO
Transmit Level detector Output. The external resistor and capacitor set the time the
comparator will hold the system in the transmit mode after speech ceases.
7
RLI
Receive Level detector Input. An external resistor ac coupled to The RLI pin sets the
detection level. Decreasing this resistor increases the sensitivity to receive channel signals.
8
RLO
Receive Level detector Output. The external resistor and capacitor set the time the
comparator will hold the system in the receive mode after speech ceases.
9
MCI
Microphone amplifier input. Input impedance is nominally 10kΩ and the dc bias voltage is
approximately equal to VB
10
MCO
Microphone amplifier output. The MIC amp gain is internally set at 34dB (50V/V).
11
CP1
A parallel resistor and capacitor connected between this pin and VCC holds a voltage
corresponding to the background noise level. The transmit detector compares the CP1
voltage with the speech signal from CP2.
12
CP2
A capacitor at this pin peak detects the speech signals for comparison with the background
noise level held at CP1.
13
XDI
Input to the transmit detector system. The microphone amplifier output is ac coupled to the
XDI pin through an external resistor.
14
SKG
High current ground pin for the speaker amplifier output stage. The SKG voltage should be
within 10mV of the ground voltage at pin 22.
15
SKO
Speaker amplifier output. The SKO pin will source and sink up to 100mA when ac coupled
to the speaker. The speaker amplifier gain is internally set at 34dB (50V/V).
16
V+
Input DC supply voltage. V+ can be powered from Tip and Ring if an ac decoupling inductor
is used to prevent loading ac line signals. The required V+ voltage is 6.0V to 11V (7.5V
nominal) at 7.0mA.
17
AGC
A capacitor from this pin to VB stabilizes the speaker amplifier gain control loop, and
additionally controls the attack and decay time of this circuit. The gain control loop limits the
speaker amplifier input to prevent clipping at SKO. The internal resistance at AGC pin is
nominally 110kΩ.
18
CS
Digital chip select input. When at a logic "0" (<0.7V) the VCC regulator is enabled. When at
a logic "1" (>1.6V),the chip is in the standby mode drawing 0.5mA.An open CS pin is a logic
"0".Input impedance is nominally 140k ohms. The input voltage should not exceed 11V.
19
SKI
Input to the speaker amplifier. Input impedance is nominally 20kΩ.
20
VCC
A 5.4V regulated output which powers all circuits except the speaker amplifier output stage.
VCC can be used to power external circuitry such as a microprocessor(3.0mA max.) A filter
capacitor is required. The UTC MC34018 can be powered by a separate regulated supply
by connecting V+ and VCC to a voltage between 4.5V and 6.5V while maintaining CS at a
logic "1".
21
VB
An output voltage equal to approximately VCC/2 which series as an analog ground for the
speakerphone system. Up to 1.5mA of external load current may be sourced from VB.
Output impedance is 250 ohms. A filter capacitor is required.
22
GND
Ground pin for the IC(except the speaker amplifier)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com