Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2731XMF/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2731XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LOAD CURRENT (mA)
3.3 -5V Boost
^z_ s Υ]}v
0
200
400
600
800
70
80
90
100
LM2731
³<´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
3.3 VIN
C1
2.2PF
R2
13.3K
CF
470pF
D1
MBR0520
R1/40.5K
L1/6.8PH
C2
22PF
5V
OUT
700mA
(TYP)
0
20
40
60
80
100
120
140
160
LOAD (mA)
0
10
20
30
40
50
60
70
80
700
0
100
200
300
400
500
600
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
8.2.3 Application Curves
See Typical Characteristics.
VIN = 3.3 V
VOUT = 5 V
VIN = 3.3 V
VOUT = 12 V
Figure 32. Efficiency vs Load Current - X Option
Figure 33. Efficiency vs Load Current - X Option
8.3 System Examples
Figure 34. VIN = 3.3 V, VOUT = 5 V at 700 mA
Figure 35. Efficiency vs Load Current
18
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com