Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2733XMFX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMFX/NOPB
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMFX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2733XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LOAD CURRENT (mA)
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
VIN = 3.3V
LM2733
www.ti.com
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, SHDN pin is tied to VIN.
Figure 8. RDS(ON) vs Temperature
Figure 7. Feedback Voltage vs Temperature
Figure 9. Current Limit vs Temperature
Figure 10. RDS(ON) vs VIN
Figure 12. Efficiency vs Load Current (VOUT = 15 V) - "X"
Figure 11. Efficiency vs Load Current (VOUT = 12 V) - "X"
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com