Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2735XMF/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 33Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 34Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
9 Power Supply Recommendations
The LM2735 device is designed to operate from an input voltage supply range from 2.7 V to 5.5 V. This input
supply should be able to withstand the maximum input current and maintain a voltage above 2.7 V. In case
where input supply is located farther away (more than a few inches) from the device, additional bulk capacitance
may be required in addition to the ceramic bypass capacitors.
10 Layout
10.1 Layout Guidelines
When planning layout, there are a few things to consider when trying to achieve a clean, regulated output. The
most important consideration when completing a boost converter layout is the close coupling of the GND
connections of the COUT capacitor and the LM2735 PGND pin. The GND ends should be close to one another
and be connected to the GND plane with at least two through-holes. There should be a continuous ground plane
on the bottom layer of a two-layer board except under the switching node island. The FB pin is a high impedance
node and care should be taken to make the FB trace short to avoid noise pickup and inaccurate regulation. The
feedback resistors should be placed as close as possible to the IC, with the AGND of R1 placed as close as
possible to the GND (pin 5 for the WSON) of the IC. The VOUT trace to R2 should be routed away from the
inductor and any other traces that are switching. High AC currents flow through the VIN, SW and VOUT traces, so
they should be as short and wide as possible. However, making the traces wide increases radiated noise, so the
designer must make this trade-off. Radiated noise can be decreased by choosing a shielded inductor. The
remaining components should also be placed as close as possible to the IC. See Application Note AN-1229
SIMPLE SWITCHER® PCB Layout Guidelines (SNVA054) for further considerations and the LM2735 demo
board as an example of a 4-layer layout.
Below is an example of a good thermal and electrical PCB design. This is very similar to our LM2735
demonstration boards that are obtainable through the TI website. The demonstration board consists of a 2-layer
PCB with a common input and output voltage application. Most of the routing is on the top layer, with the bottom
layer consisting of a large ground plane. The placement of the external components satisfies the electrical
considerations, and the thermal performance has been improved by adding thermal vias and a top layer Dog-
Bone.
10.1.1 WSON Package
The LM2735 packaged in the 6–pin WSON:
Figure 42. Internal WSON Connection
For certain high power applications, the PCB land may be modified to a dog bone shape (see Figure 43).
Increasing the size of ground plane, and adding thermal vias can reduce the RθJA for the application.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com