Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3000G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M3000G-S16-R
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3000G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M3000G-S16-R Datasheet HTML 1Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 2Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 3Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 4Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 5Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M3000
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-473.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.3~6.0
V
Input/ Output Voltage
VIN /VOUT
VSS-0.3~VDD+0.3
V
Max. Output Current (VDD=5.0V)
IOUT
10
mA
Operating Temperature
TOPR
-20~+70
°C
Storage Temperature
TSTG
-40~+125
°C
DC ELECTRICAL CHARACTERISTICS (TA =+25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Supply Voltage
VDD
3
5
V
VDD=3V
50
Average Supply Current
IDD
No Load
VDD=5V
100
μA
Op-Amp Input Offset Voltage
VOS
VDD=5V
50
mV
Op-Amp Input Offset Current
IOS
VDD=5V
50
nA
Op-Amp Gain
AVO
VDD=5V, RL=1.5MΩ
60
dB
Op-Amp Common Mode Rejection Ration
CMRR
VDD=5V, RL=1.5MΩ
60
dB
Op-Amp HIGH Level Output Voltage
VYH
4.25
V
Op-Amp LOW Level Output Voltage
VYL
VDD=5V, RL=500KΩ connect
to 1/2VDD
0.75
V
VC High Level Input Voltage
VRH
1.1
V
VC Low Level Input Voltage
VRL
VRF=VDD=5V
0.9
V
VOUT High Level Output Voltage
VOH
VDD=5V, IOH=0.5mA
4
V
VOUT Low Level Output Voltage
VOL
VDD=5V, IOH=0.1mA
0.4
V
Pin A High Level Input Voltage
VAH
VDD=5V
3.5
V
Pin A Low Level Input Voltage
VAL
VDD=5V
1.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com