Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APHB1608ZGSYKC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APHB1608ZGSYKC
Description  Compatible with reflow soldering
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608ZGSYKC Datasheet(HTML) 1 Page - Kingbright Corporation

  APHB1608ZGSYKC Datasheet HTML 1Page - Kingbright Corporation APHB1608ZGSYKC Datasheet HTML 2Page - Kingbright Corporation APHB1608ZGSYKC Datasheet HTML 3Page - Kingbright Corporation APHB1608ZGSYKC Datasheet HTML 4Page - Kingbright Corporation APHB1608ZGSYKC Datasheet HTML 5Page - Kingbright Corporation APHB1608ZGSYKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAK7902
REV NO: V.8B
DATE: SEP/28/2015
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203011312
1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT
LED
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APHB1608ZGSYKC
Green
Super Bright Yellow
Features
1.6mmX0.8mm SMD LED, 0.5mm thickness.
Compatible with reflow soldering.
Available in various color combination.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
Tinned pads for improved solderability.
RoHS compliant.
Descriptions
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode.
The Super Bright Yellow device is made with AlGaInP (on
GaAs substrate) light emitting diode chip.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.
GREEN
GREEN
YELLOW
YELLOW


Similar Part No. - APHB1608ZGSYKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608ZGKSURKC KINGBRIGHT-APHB1608ZGKSURKC Datasheet
298Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608ZGKSURKC TO-GRACE-APHB1608ZGKSURKC Datasheet
968Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
APHB1608ZGKSYKC KINGBRIGHT-APHB1608ZGKSYKC Datasheet
265Kb / 6P
1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608ZGKSYKC TO-GRACE-APHB1608ZGKSYKC Datasheet
921Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - APHB1608ZGSYKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
Compatible with reflow soldering
APHB1608LQBDCGKC KINGBRIGHT-APHB1608LQBDCGKC Datasheet
281Kb / 6P
Compatible with reflow soldering
APHB1608LQBDSURKC KINGBRIGHT-APHB1608LQBDSURKC Datasheet
299Kb / 6P
Compatible with reflow soldering
APHB1608LVBDSEKJ3C KINGBRIGHT-APHB1608LVBDSEKJ3C Datasheet
285Kb / 6P
Compatible with reflow soldering
APHB1608LVBDSYKJ3C KINGBRIGHT-APHB1608LVBDSYKJ3C Datasheet
290Kb / 6P
Compatible with reflow soldering
APHB1608LVBDZGKC KINGBRIGHT-APHB1608LVBDZGKC Datasheet
303Kb / 6P
Compatible with reflow soldering
APHB1608LZGKSURKC KINGBRIGHT-APHB1608LZGKSURKC Datasheet
280Kb / 6P
Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
Compatible with reflow soldering
APHB1608SYKSURKC KINGBRIGHT-APHB1608SYKSURKC Datasheet
258Kb / 6P
Compatible with reflow soldering
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com