Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2212 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2212
Description  Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2212_15 Datasheet HTML 5Page - NXP Semiconductors LPC2212_15 Datasheet HTML 6Page - NXP Semiconductors LPC2212_15 Datasheet HTML 7Page - NXP Semiconductors LPC2212_15 Datasheet HTML 8Page - NXP Semiconductors LPC2212_15 Datasheet HTML 9Page - NXP Semiconductors LPC2212_15 Datasheet HTML 10Page - NXP Semiconductors LPC2212_15 Datasheet HTML 11Page - NXP Semiconductors LPC2212_15 Datasheet HTML 12Page - NXP Semiconductors LPC2212_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
LPC2212_2214
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 14 June 2011
9 of 47
NXP Semiconductors
LPC2212/2214
Single-chip 16/32-bit ARM microcontrollers
P2[7]/D7
116
I/O
External memory data line 7.
P2[8]/D8
117
I/O
External memory data line 8.
P2[9]/D9
118
I/O
External memory data line 9.
P2[10]/D10
120
I/O
External memory data line 10.
P2[11]/D11
124
I/O
External memory data line 11.
P2[12]/D12
125
I/O
External memory data line 12.
P2[13]/D13
127
I/O
External memory data line 13.
P2[14]/D14
129
I/O
External memory data line 14.
P2[15]/D15
130
I/O
External memory data line 15.
P2[16]/D16
131
I/O
External memory data line 16.
P2[17]/D17
132
I/O
External memory data line 17.
P2[18]/D18
133
I/O
External memory data line 18.
P2[19]/D19
134
I/O
External memory data line 19.
P2[20]/D20
136
I/O
External memory data line 20.
P2[21]/D21
137
I/O
External memory data line 21.
P2[22]/D22
1
I/O
External memory data line 22.
P2[23]/D23
10
I/O
External memory data line 23.
P2[24]/D24
11
I/O
External memory data line 24.
P2[25]/D25
12
I/O
External memory data line 25.
P2[26]/D26/BOOT0
13
I/O
D26 — External memory data line 26.
I
BOOT0 — While RESET is LOW, together with BOOT1 controls booting and
internal operation. Internal pull-up ensures HIGH state if pin is left
unconnected.
P2[27]/D27/BOOT1
16
I/O
D27 — External memory data line 27.
I
BOOT1 — While RESET is LOW, together with BOOT0 controls booting and
internal operation. Internal pull-up ensures HIGH state if pin is left
unconnected.
BOOT1:0 = 00 selects 8-bit memory on CS0 for boot.
BOOT1:0 = 01 selects 16-bit memory on CS0 for boot.
BOOT1:0 = 10 selects 32-bit memory on CS0 for boot.
BOOT1:0 = 11 selects internal flash memory.
P2[28]/D28
17
I/O
External memory data line 28.
P2[29]/D29
18
I/O
External memory data line 29.
P2[30]/D30/AIN4
19
I/O
D30 — External memory data line 30.
I
AIN4 — ADC, input 4. This analog input is always connected to its pin.
P2[31]/D31/AIN5
20
I/O
D31 — External memory data line 31.
I
AIN5 — ADC, input 5. This analog input is always connected to its pin.
P3[0] to P3[31]
I/O
Port 3 is a 32-bit bidirectional I/O port with individual direction controls for
each bit. The operation of port 3 pins depends upon the pin function selected
via the Pin Connect Block.
P3[0]/A0
89
O
External memory address line 0.
P3[1]/A1
88
O
External memory address line 1.
P3[2]/A2
87
O
External memory address line 2.
Table 3.
Pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com