| Electronic Components Datasheet Search |
|
UCM101L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCM101L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() UCM101 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R502-933.a ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Voltage on VS- and VS+ -0.6~20 V Voltage on all Other Pins -0.6~(VS+ or VS-)+0.6 V Vsense [(VS+) - (VS-)] +/-6 V Package Power Dissipation at TA=25°C (De-rate to zero at 150°C) PD 300 mW Operating Temperature TA -40~125 °C Storage Temperature TSTG -55~150 °C Maximum Junction Temperature TJ 150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATIONG CONDITIONS PARAMETER SYMBOL RATINGS UNIT Common-Mode Sense Input Range VS± 2.7~20 V Current Direction Flag Output Flag 0~VS± V Differential Sense Input Voltage Range VSENSE 0~±0.8 V Output Voltage Range VOUT 0~VS±-1.5 V Ambient Temperature Range TA -40~125 °C ELECTRICAL CHARACTERISTICS (Test conditions T A=25°C, VS+=10V, VSENSE=100mV) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Ground Pin Current IQ 15 35 50 µA VS+ Input Current IS+ VSENSE=0V 10 17 24 µA VS- Input Current IS- VSENSE=0V 10 17 24 µA Output Voltage VOUT VSENSE=+150mV 1.55 1.5 1.45 V Flag High VSENSE=+100mV 1.02 1 0.98 V VSENSE=+30mV 309 300 291 mV VSENSE=0V 0 15 mV Flag Low VSENSE=-30mV 285 300 315 mV VSENSE=-100mV 0.95 1 1.05 V VSENSE=-150mV 1.42 1.50 1.58 V VOUT Variation with Temperature VOUT TC VSENSE=±100mV 30 ppm/ºC VOUT/VSENSE Gain 10 Total Output Error (Gain + Offset) Accuracy VSENSE=100mV ±2 % VSENSE=-100mV ±5 % Bandwidth BW VSENSE(DC)=100mV VSENSE(AC)=63mVPP 300 kHz VS+ Common Mode Rejection Ratio CMRR VIN=2.7~20V 60 dB Flag Trip Point Flag TP Referred to VSENSE -2.5 +2.5 mV Flag Low Output Voltage VFL ISINK=100µA 60 200 mV Flag High Leakage Current IFH VOH=5V 1 µA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |