Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJM3545 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 7 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM3545
s APPLICATIONS INFORMATION
Important application areas are:
•
Programmable logic control systems
•
Relay control
•
Hydraulic valves
•
Intelligent interfaces between microprocessors and loads
•
Robot techniques
•
Print head drivers
•
High-current stepper motor drivers
Transient protection
1. Keep V
CC and GND leads as short as possible.
2. Connect a filter capacitor close to the circuit. Recommended filter capacitor between V
CC and GND is 6.8 µF, of
tantalum type. A ceramic capacitor in parallel will improve high frequency decoupling. Typical values range from
0.002
µF to 0.1 µF. In an application having a highly stable supply and short power leads to the driver a low
leakage electrolytic type can be used, which is less expensive.
3. Connect Input and Error via pull-up resistors to the appropriate logic supply level or V
CC to obtain highest noise
immunity. See figure 11. The resistor R
1 limits the current into the Error indicating pin. This current must not exceed
8 mA. R
2 is a pull-up resistor which improves noise immunity at the Input. Pull-up current should not exceed the
sinking capacity of the controlling device output.
4. If several supply voltages are to be used, prefere a supply having separate ground leads. In this case the logic
ground and the power ground should be connected together at only one point, the ground pin of the driver.
Switch mode applications
The internal diodes are normally sufficient for clamping of transients caused by inductive load turn off. External
diodes may be necessary in PWM/switch mode applications, and when the terminals are externally accessible and
thereby exposed to an electrically noisy environment. Recommended diodes are BYV27/100,
BYV98/100, UF4001 or similar types with a t
rr < 100 ns and IF ≥ 1 A.
Error indication signal
When the circuit is switched on/off, a short pulse (t
Err <10 µS for resistive loads) is generated at the Error output.
This is a correct detection of an incorrect level during the rise and fall times of the output voltage. Consequently the
Error output should not be detected when switching on and off. An alternative is to low-pass filter at the Error output
at around 100 kHz.
Heat sinking
NJM3545N is packaged in a 5-pin TO 220 power package. The circuit GND is connected to the heat sink tab.
External heatsinking is achieved by mounting the package to a heat sink.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com