Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74CBT1G125G-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CBT1G125G-AL5-R
Description  SINGLE FET BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT1G125G-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CBT1G125G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74CBT1G125G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74CBT1G125G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74CBT1G125G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74CBT1G125G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74CBT1G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-808.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7
V
Input Voltage
VI
-0.5 ~ 7
V
Continuous channel current
128
mA
Input Clamp Current(VI<0)
IIK
-50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4
5.5
V
High-control input voltage
VIH
2
V
Low-control input voltage
VIL
0.8
V
Operating Temperature
TA
-40
+85
°C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input Diode Voltage
VIK
VCC =4.5V, II=-18mA
-1.2
V
Input Leakage Current
II
VCC =5.5V, VI=VCC or GND
±1
μA
VCC or GND Current
ICC
VCC = 5.5V, VI=5.5V or GND, IO=0
1
μA
Control input
CI
VO=3V or 0
3
pF
I/O Capacitance (OFF)
CIO
VO=3V or 0, OE = VCC
4
pF
Resistor between two ports
RON
VCC =4V, TYP at VCC =4V,
VI=2.4V, II=15mA
14
20
Ω
VCC =4.5V, VI=0V
II=64mA
5
7
Ω
II=30mA
5
7
Ω
VCC =4.5V, VI=2.4V, II=15mA
10
15
Ω
DYNAMIC CHARACTERISTICS (Input: tR, tF≤2.5ns; PRR≤10MHz; CL=50pF)
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From input (A or B) to output
(B or A) (Note)
tpd
VCC=4V, CL=50pF, RL=500Ω
0.35
ns
VCC= 5V±0.5V, CL=50pF, RL=500Ω
0.25
ns
From input OE to output (A or B)
ten
VCC=4V, CL=50pF, RL=500Ω
5.5
ns
VCC= 5V±0.5V, CL=50pF, RL=500Ω
1.6
4.9
ns
From input OE to output (A or B)
tdis
VCC=4V, CL=50pF, RL=500Ω
4.5
ns
VCC= 5V±0.5V, CL=50pF, RL=500Ω
1.0
4.2
ns
Notes: 1. tpd: tPLH and tPHL.
2. ten: tPZL and tPZH.
3. tdis: tPLZ and tPHZ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com