Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9012IRCCZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9012IRCCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRCCZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9012IRCCZ Datasheet HTML 1Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 2Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRCCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN9220.3
March 11, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1V
VO1, VO2 Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
Thermal Resistance (Notes 4, 5)
θJA (°C/W) θJC (°C/W)
3x3 DFN Package . . . . . . . . . . . . . . . .
50
10
Junction Temperature Range . . . . . . . . . . . . . . . . . -40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5.
θJC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows:
TA = -40°C to +85°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF;
CBYP = 0.01µF; CPOR = 0.01µF
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
Quiescent condition: IO1 = 0µA; IO2 = 0µA
IDD1
One LDO active
25
40
µA
IDD2
Both LDO active
45
60
µA
Shutdown Current
IDDS
@+25°C
0.1
1.0
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
Variation from nominal voltage output, VIN = VO + 0.5 to 5.5V,
TJ = -40°C to +125°C
-1.8
+1.8
%
Line Regulation
VIN = (VOUT + 1.0V relative to highest output voltage) to 5.5V
-0.2
0
0.2
%/V
Load Regulation
IOUT = 100µA to 150mA (VO1 and VO2)
0.1
0.7
%
IOUT = 100µA to 300mA (VO2)
1.0
%
Maximum Output Current
IMAX
VO1: Continuous
150
mA
VO2: Continuous
300
mA
Internal Current Limit
ILIM
350
475
600
mA
Dropout Voltage (Note 7)
VDO1
IO = 150mA; VO > 2.1V (VO1)
125
200
mV
VDO2
IO = 300mA; VO < 2.5V (VO2)
300
500
mV
VDO3
IO = 300mA; 2.5V ≤ VO ≤ 2.8V (VO2)
250
400
mV
VDO4
IO = 300mA; VO > 2.8V (VO2)
200
325
mV
Thermal Shutdown Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection
IO = 10mA, VIN = 2.8V(min), VO = 1.8V, CBYP = 0.1µF
@ 1kHz
70
dB
@ 10kHz
55
dB
@ 100kHz
40
dB
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com