Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74AUC1G126G-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AUC1G126G-AE5-R
Description  SINGLE BUS BUFFER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUC1G126G-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AUC1G126G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUC1G126G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUC1G126G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUC1G126G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUC1G126G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AUC1G126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R126-017.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +3.6
V
Input Voltage
VIN
-0.5 ~ +3.6
V
Enable mode
-0.5 ~ VCC + 0.5
V
Disable mode
-0.5 ~ +3.6
V
Output Voltage
VOUT
Power-down mode
-0.5 ~ +3.6
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current
IOUT
VOUT=0 ~ VCC
±20
mA
Input Clamp Current
IIK
VIN<0
-50
mA
Output Clamp Current
IOK
VOUT>VCC or VOUT<0
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
0.8
2.7
V
Input Voltage
VIN
0
3.6
V
Output Voltage
VOUT
High or low state
0
VCC
V
Operating Temperature
TA
-40
85
°C
VCC=0.8V ~ 1.6V
20
ns/V
VCC=1.65V ~ 1.95V
10
ns/V
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=2.3V ~ 2.7V
3
ns/V
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
VCC
V
VCC=1.1V ~ 1.95V
0.65×VCC
V
High-level Input Voltage
VIH
VCC=2.3V ~ 2.7V
1.7
V
VCC=0.8V
0
V
VCC=1.1V ~ 1.95V
0.35×VCC
V
Low-level Input Voltage
VIL
VCC=2.3V ~ 2.7V
0.7
V
VCC=0.8 ~ 2.7V, IOH=-100μA
VCC-0.1
V
VCC=0.8V, IOH=-0.7mA
0.55
V
VCC=1.1V, IOH=-3mA
0.8
V
VCC=1.4V,IOH=-5mA
1
V
VCC=1.65V, IOH=-8mA
1.2
V
High-Level Output Voltage
VOH
VCC=2.3V, IOH=-9mA
1.8
V
VCC=0.8 ~ 2.7V, IOL=100μA
0.2
V
VCC=0.8V, IOL=0.7mA
0.25
V
VCC=1.1V, IOL=3mA
0.3
V
VCC=1.4V, IOL=5mA
0.4
V
VCC=1.65V, IOL=8mA
0.45
V
Low-Level Output Voltage
VOL
VCC=2.3V, IOL=9mA
0.6
V
Input Leakage Current
II(LEAK)
VCC=2.7V, VIN= VCC or GND
±5
μA
Power OFF Leakage Current
Ioff
VCC=0V, VIN or VOUT=2.7V
±0.1
±10
μA
3-state Output OFF-state
Current
IOZ
VCC =2.7V, VOUT=VCC or GND
±0.1
±10
μA
Quiescent Supply Current
ICC
VCC=0.8V to 2.7V,
VIN=VCC or GND, IOUT=0
0.1
10
μA
Input Capacitance
CI
VCC=2.5V, VIN=VCC or GND
2.5
pF
output Capacitance
CO
VCC=2.5V, VIN=VCC or GND
5.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com