Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74AUP1G32G-AE5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AUP1G32G-AE5-R
Description  SINGLE 2-INPUT OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G32G-AE5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AUP1G32G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74AUP1G32G-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74AUP1G32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R126-022.B
OPERATING CHARACTERISTICS (f=10 MHz, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=0.8V
4.1
pF
VCC=1.2±0.1V
4.1
pF
VCC=1.5±0.1V
4.1
pF
VCC=1.8±0.15V
4.1
pF
VCC=2.5±0.2V
4.2
pF
Power Dissipation
Capacitance
CPD
VCC=3.3±0.3V
4.3
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com