Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX28F2000PPC-70C4 Datasheet(PDF) 31 Page - Macronix International

Part # MX28F2000PPC-70C4
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000PPC-70C4 Datasheet(HTML) 31 Page - Macronix International

Back Button MX28F2000PPC-70C4 Datasheet HTML 25Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 26Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 27Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 28Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 29Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 30Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 31Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 32Page - Macronix International MX28F2000PPC-70C4 Datasheet HTML 33Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
32-PIN PLASTIC TSOP
ITEM
MILLIMETERS
INCHES
A
20.0 ± .20
.078 ± .006
B
18.40 ± .10
.724 ± .004
C
8.20 max.
.323 max.
D
0.15 [Typ.]
.006 [Typ.]
E
.80 [Typ.]
.031 [Typ.]
F
.20 ± .10
.008 ± .004
G
.30 ± .10
.012 ± .004
H
.50 [Typ.]
.020 [Typ.]
I
.45 max.
.018 max.
J
0 ~ .20
0 ~ .008
K
1.00 ± .10
.039 ± .004
L
1.27 max.
.050 max.
M
.50
.020
N
0 ~5°
.500
NOTE: Each lead certerline is located within
.25mm[.01 inch] of its true position [TP] at a
maximum at maximum material condition.
A
B
C
D
E
F
G
H
I
J
KL
M
N
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com