Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP520 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP520
Description  Low Noise Silicon Bipolar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP520_15 Datasheet HTML 1Page - Infineon Technologies AG BFP520_15 Datasheet HTML 2Page - Infineon Technologies AG BFP520_15 Datasheet HTML 3Page - Infineon Technologies AG BFP520_15 Datasheet HTML 4Page - Infineon Technologies AG BFP520_15 Datasheet HTML 5Page - Infineon Technologies AG BFP520_15 Datasheet HTML 6Page - Infineon Technologies AG BFP520_15 Datasheet HTML 7Page - Infineon Technologies AG BFP520_15 Datasheet HTML 8Page - Infineon Technologies AG BFP520_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2015-10-12
4
BFP520
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
110
120
mW
140
Collector-base capacitance Ccb= ƒ(VCB)
f = 1MHz
0
0.5
1
1.5
2
V
3
VCB
0
0.05
0.1
0.15
0.2
pF
0.3
Third order Intercept Point IP3 = ƒ (IC)
(Output, ZS = ZL = 50 Ω )
VCE = parameter, f = 900 MHz
Transition frequency fT= ƒ(IC)
f = 2 GHz
VCE = parameter in V
0
5
10
15
20
25
30
35 mA
45
IC
0
4
8
12
16
20
24
28
32
36
40
44
GHz
52
2
1
0.75
0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com