Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2951 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button LP2951 Datasheet HTML 2Page - Micrel Semiconductor LP2951 Datasheet HTML 3Page - Micrel Semiconductor LP2951 Datasheet HTML 4Page - Micrel Semiconductor LP2951 Datasheet HTML 5Page - Micrel Semiconductor LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor LP2951 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LP2950/2951
Micrel
3-40
February 1999
Typical Performance Characteristics
Quiescent Current
Dropout Characteristics
Ground Current
Output Voltage vs.
Temperature of 3
Representative Units
Input Current
Ground Current
Ground Current
Quiescent Current
Drop-out Voltage
Short Circuit Current
Drop-out Voltage
0.1
1
10
150
10
1
0.1
0.01
0
1
2
345
6
1
2
3
4
5
6
0
120
110
100
90
80
70
60
50
40
30
20
10
0
0
1
2
3
456 78
9 10
5.06
5.04
5.02
5.0
4.98
4.96
4.94
-75 -50 -25 0 25 50 75 100 125 150
0
40
80
120
160
200
240
280
320
01
234
56
7
8
240
220
200
180
-75 -50 -25 0 25 50 75 100 125 150
16
12
8
4
-75 -50 -25 0 25 50 75 100 125 150
16
14
12
10
8
6
4
2
0
01
234
56
7
8
170
160
150
140
130
120
110
100
-75 -50 -25 0 25 50 75 100 125 150
600
500
400
300
100
50
0
-75 -50 -25 0 25 50 75 100 125 150
500
400
300
200
100
0
100 µA
1 mA
10 mA
100 mA
R = 50k
L
R = 50
L
0.2%
I = 1 mA
L
I = 0
L
V = 6V
I = 100 µA
IN
L
V = 6V
I = 100 mA
IN
L
I = 100 mA
L
I = 100 mA
L
I = 100 µA
L
T = 25 °C
J
LOAD CURRENT (mA)
INPUT VOLTAGE (VOLTS)
INPUT VOLTAGE (VOLTS)
TEMPERATURE (°C)
INPUT VOLTAGE (VOLTS)
TEMPERATURE (°C)
TEMPERATURE (°C)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
TEMPERATURE (°C)
OUTPUT CURRENT
Ω
Ω
130
140
150
160
Input Current
0
25
50
75
100
125
150
175
200
225
250
01 23 4
5 67 8 9 10
R = 50k
L
R =
L
INPUT VOLTAGE (VOLTS)
Ω
∞
R = 50
L
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com