| Electronic Components Datasheet Search |
|
MIC2172BN Datasheet(PDF) 16 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2172BN Datasheet(HTML) 16 Page - Micrel Semiconductor |
|
16 / 16 page ![]() MIC2172/3172 Micrel 4-28 1997 MIC3172 VIN VSW FB COMP C1 VIN 4.5V to 20V EN GND P1 P2 S Enable (On) Shutdown (Off) Cold Cathode Fluorescent Lamp R5 Intensity Control R1 D1 R2 Q1 Q2 C2 C3 C4 C5 R3 R4 D3 1N4148 D2 1N4148 T1 L1 300µH L1: Coiltronics CTX300-4P T1: Coiltronics CTX110602 C2: Polyfilm, WIMA FKP2 0.1µF to 0.68µF C4: 15pF to 30pF, 3kV min. Figure 15. LCD Backlight Fluorescent Lamp Supply On/Off Control Especially important for battery powered applications, the lamp can be remotely or automatically turned off using the MIC3172’s EN pin. The entire circuit draws less than 1 µA while shutdown. Efficiency To obtain maximum circuit efficiency careful selection of Q1 and Q2 for low collector to emitter saturation voltage is a must. Inductor L1 should be chosen for minimal core and copper losses at the switching frequency of the MIC3172, and T1 should be carefully constructed from magnetic materials optimized for the output power required at the Royer oscillator frequency. Suitable inductors may be obtained from Coiltronics, Inc., tel: (407) 241-7876. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |