Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2102ALAFTK Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2102ALAFTK Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL2102ALAFTK Datasheet HTML 5Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 6Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 7Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 8Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 9Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 10Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 11Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 12Page - Intersil Corporation ZL2102ALAFTK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
ZL2102
9
FN8440.2
November 20, 2014
Submit Document Feedback
Power Conversion Overview
The ZL2102 operates as a voltage-mode, synchronous buck
converter with a selectable constant frequency pulse width
modulator (PWM) control scheme. The ZL2102 integrates dual
low rDS(ON) synchronous MOSFETs and a high-side driver to
minimize the circuit footprint. Figure 8 illustrates the basic
synchronous buck converter topology showing the primary power
train components. This converter is also called a step-down
converter, as the output voltage must always be lower than the
input voltage.
The ZL2102 integrates two N-channel power MOSFETs; QH is the
top control MOSFET and QL is the bottom synchronous MOSFET.
The amount of time that QH is on as a fraction of the total
switching period is known as duty cycle D, which is described by
Equation 1:
During time D, QH is on and VIN to VOUT is applied across the
inductor. The output current ramps up as shown in Figure 9.
When QH turns off (time 1-D), the current flowing in the inductor
must continue to flow from the ground up through QL, during
which the current ramps down. Since the output capacitor COUT
exhibits low impedance at the switching frequency, the AC
component of the inductor current is filtered from the output
voltage so the load sees nearly a DC voltage.
The maximum conversion ratio is shown in Figure 7. Typically,
buck converters specify a maximum duty cycle that effectively
limits the maximum output voltage that can be realized for a
given input voltage and switching frequency. This duty cycle limit
ensures that the low-side MOSFET is allowed to turn on for a
minimum amount of time during each switching cycle, which
enables the bootstrap capacitor to be charged up and provide
adequate gate drive voltage for the high-side MOSFET.
The block diagram for the ZL2102 is illustrated in Figure 2. In
this circuit, the target output voltage is regulated by connecting
the VSEN pin directly to the output regulation point. The VSEN
signal is then compared to an internal reference voltage that had
been set to the desired output voltage level by the user. The error
signal derived from this comparison is converted to a digital
value with an analog-to-digital (A/D) converter. The digital signal
is also applied to an adjustable digital compensation filter and
the compensated signal is used to derive the appropriate PWM
duty cycle for driving the internal MOSFETs in a way that
produces the desired output.
Power Management Overview
The ZL2102 incorporates a wide range of configurable power
management features that are simple to implement with no
external components. Additionally, the ZL2102 includes circuit
protection features that continuously safeguard the device and
load from damage due to unexpected system faults. The ZL2102
can continuously monitor input voltage, output voltage/current,
and internal temperature. A power-good output signal is also
included to enable power-on reset functionality for an external
processor.
All power management functions can be configured using either
pin configuration techniques described in this document or via
the SMBus interface using PMBus commands. Monitoring
parameters can also be preconfigured to provide alerts for
specific conditions. “PMBus Command Summary” on page 19
contains a listing of all the PMBus commands supported by the
ZL2102 and a detailed description of the use of each of these
commands.
Functional Description and Configuration
INTERNAL BIAS REGULATORS AND INPUT SUPPLY
CONNECTIONS
The ZL2102 employs three internal LDO regulators, allowing
operation from a single input supply from 4.5V to 14V. The
regulators are as follows:
• VR is derived from VDDS and provides a 7V bias supply for the
internal high-side MOSFET driver circuit. A 4.7µF capacitor is
required for the VR pin.
• VRA is derived from VDDS and provides a 5V bias supply for
the internal analog circuitry. A 4.7µF capacitor is required for
the VR pin.
• V2P5 is derived from VRA and provides a 2.5V bias supply for
the digital circuitry. A 10µF capacitor is required at the V2P5
pin.
VIN
VOUT
QH
QL
L1
COUT
ZL2102
CIN
CB
DB
PWM
LDO
FIGURE 8. STEP DOWN CONVERTER
D
V
OUT
V
IN
----------------
(EQ. 1)
TIME
VIN - VOUT
0
-VOUT
1 - D
IO
ILPK
ILV
D
FIGURE 9. OUTPUT CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com