Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7341MFE/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM7341MFE/NOPB
Description  Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7341MFE/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7341MFE/NOPB Datasheet HTML 13Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 14Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 15Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 16Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 17Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 18Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 19Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 20Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
-
+
+VCC
-VEE
VOUT
VIN
LM7341
www.ti.com
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
LOW DISTORTION, HIGH OUTPUT DRIVE CAPABILITY
The LM7341 offers superior low-distortion performance, with a total-harmonic-distortion-plus-noise of
−66 dB at f
= 10 kHz. The advantage offered by the LM7341 is its low distortion levels, even at high output current and low
load resistance.
Typical Applications
HANDHELD REMOTE CONTROLS
The LM7341 offers outstanding specifications for applications requiring good speed/power trade-off. In
applications such as remote control operation, where high bandwidth and low power consumption are needed.
The LM7341 performance can easily meet these requirements.
OPTICAL LINE ISOLATION FOR MODEMS
The combination of the low distortion and good load driving capabilities of the LM7341 make it an excellent
choice for driving opto-coupler circuits to achieve line isolation for modems. This technique prevents telephone
line noise from coupling onto the modem signal. Superior isolation is achieved by coupling the signal optically
from the computer modem to the telephone lines; however, this also requires a low distortion at relatively high
currents. Due to its low distortion at high output drive currents, the LM7341 fulfills this need, in this and in other
telecom applications.
REMOTE MICROPHONE IN PERSONAL COMPUTERS
Remote microphones in Personal Computers often utilize a microphone at the top of the monitor which must
drive a long cable in a high noise environment. One method often used to reduce the nose is to lower the signal
impedance, which reduces the noise pickup. In this configuration, the amplifier usually requires 30 dB–40 dB of
gain, at bandwidths higher than most low-power CMOS parts can achieve. The LM7341 offers the tiny package,
higher bandwidths, and greater output drive capability than other rail-to-rail input/output parts can provide for this
application.
LM7341 AS A COMPARATOR
The LM7341 can also be used as a comparator and provides quite reasonable performance. Note however that
unlike a typical comparator an op amp has a maximum allowed differential voltage between the input pins. For
the LM7341, as stated in the Absolute Maximum Ratings section, this maximum voltage is VIN Differential =
±15V. Beyond this limit, even for a short time, damage to the device may occur.
As an inverting comparator at VS = 30V and 1V of overdrive there is typically 12 μs of propagation delay. At VS =
30V and 50 mV of overdrive there is typically 17 µs of propagation delay.
Figure 53. Inverting Comparator
Similarly a non-inverting comparator at VS = 30V and 1V of overdrive there is typically 12 µs of propagation
delay. At VS = 30V and 50 mV of overdrive there is typically 17 μs of propagation delay.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com