Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7341MFX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM7341MFX/NOPB
Description  Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7341MFX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7341MFX/NOPB Datasheet HTML 15Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 16Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 17Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 18Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 19Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 20Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 21Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 22Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
-
+
+VCC = +30V
R2
12.1 k:
VOUT
VREF = +15V
R1
20:
VA
VIN
VOUT HIGH
VOUT LOW
R1
VA2
R2
R3
+VCC
R1
VA1
R2
R3
+VCC
14.975
VIN
0
30V
VOUT
15.025
VA2
VA1
-
+
+VCC = +30V
R1
4.02 k:
R2
4.02 k:
R3
1.21 M:
VOUT
VIN
VA
LM7341
www.ti.com
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
Figure 55. Inverting Comparator with Hysteresis
NON-INVERTING COMPARATOR WITH HYSTERESIS
A non-inverting comparator with hysteresis requires a two resistor network, and a voltage reference (VREF) at the
inverting input. When VIN is low, the output is also low. For the output to switch from low to high, VIN must rise up
to VIN1 where VIN1 is calculated by
VIN1 = R1*(VREF/R2) + VREF
(4)
When VIN is high, the output is also high, to make the comparator switch back to it's low state, VIN must equal
VREF before VA will again equal VREF . VIN can be calculated by
VIN2 = (VREF (R1+ R2) - VCCR1)/R2
(5)
The hysteresis of this circuit is the difference between VIN1 and VIN2.
Delta VIN = VCCR1/R2
(6)
For example to achieve 50 mV of hysteresis when VCC = 30V set R1 = 20Ω and R2 = 12.1 kΩ.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com