Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7716MM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7716MM/NOPB
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7716MM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP7716MM/NOPB Datasheet HTML 1Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 2Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 3Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 4Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 5Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 6Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 7Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 8Page - Texas Instruments LMP7716MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
2.5V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V ,V
O = VCM = V
+/2. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
±20
±180
−20°C ≤ TA ≤ 85°C
±330
Input Offset Voltage
μV
±20
±180
−40°C ≤ TA ≤ 125°C
±430
TC VOS Input Offset Voltage Temperature
LMP7715
-1
±4
μV/°C
Drift(3)(4)
LMP7716/LMP7716Q
-1.75
IB
−40°C ≤ TA ≤ 85°C
0.05
1
25
Input Bias Current
VCM = 1.0V
(4) (5)
pA
−40°C ≤ TA ≤ 125°C
0.05
1
100
IOS
0.006
0.5
Input Offset Current
VCM = 1V
(4)
pA
50
83
100
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.4V
dB
80
PSRR
2.0V
≤ V+ ≤ 5.5V
85
100
V− = 0V, VCM = 0
80
Power Supply Rejection Ratio
dB
1.8V
≤ V+ ≤ 5.5V
85
98
V− = 0V, VCM = 0
CMVR
CMRR
≥ 80 dB
−0.3
1.5
Common Mode Voltage Range
V
CMRR
≥ 78 dB
–0.3
1.5
AVOL
LMP7715, VO = 0.15 to 2.2V
88
98
RL = 2 kΩ to V
+/2
82
LMP7716/LMP7716Q, VO = 0.15 to 2.2V
84
92
RL = 2 kΩ to V
+/2
80
Open Loop Voltage Gain
dB
LMP7715, VO = 0.15 to 2.2V
92
110
RL = 10 kΩ to V
+/2
88
LMP7716/ LMP7716Q, VO = 0.15 to 2.2V
90
95
RL = 10 kΩ to V
+/2
86
VOUT
25
70
RL = 2 kΩ to V
+/2
77
Output Voltage Swing
High
20
60
mV from
RL = 10 kΩ to V
+/2
66
either rail
30
70
RL = 2 kΩ to V
+/2
73
Output Voltage Swing
Low
15
60
RL = 10 kΩ to V
+/2
62
IOUT
Sourcing to V−
36
52
VIN = 200 mV
(6)
30
Output Current
mA
Sinking to V+
7.5
15
VIN = −200 mV
(6)
5.0
IS
0.95
1.30
LMP7715
1.65
Supply Current
mA
1.10
1.50
LMP7716/LMP7716Q (per channel)
1.85
SR
AV = +1, Rising (10% to 90%)
8.3
Slew Rate
V/
μs
AV = +1, Falling (90% to 10%)
10.3
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
(6)
The short circuit test is a momentary open loop test.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com