Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC7111 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC7111
Description  1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7111 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC7111 Datasheet HTML 1Page - Micrel Semiconductor MIC7111 Datasheet HTML 2Page - Micrel Semiconductor MIC7111 Datasheet HTML 3Page - Micrel Semiconductor MIC7111 Datasheet HTML 4Page - Micrel Semiconductor MIC7111 Datasheet HTML 5Page - Micrel Semiconductor MIC7111 Datasheet HTML 6Page - Micrel Semiconductor MIC7111 Datasheet HTML 7Page - Micrel Semiconductor MIC7111 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
June 1998
7
MIC7111
MIC7111
Micrel
change when changing from a breadboard to the final circuit
layout.
Typical Circuits
Some single-supply, rail-to-rail applications for which the
MIC7111 is well suited are shown in the circuit diagrams of
Figures 3 through 7.
R2
910k
R1
100k
VOUT
0V to V+
V+
1.8V to 10V
VIN
2
5
1
3
4
MIC7111
0V to
V+
AV
Figure 3a. Noninverting Amplifier
0
100
0
100
V
IN (V)
V+
A1
R2
R1
V =+
≈ 10
Figure 3b. Noninverting Amplifier Behavior
VOUT
0V to V+
V+
1.8V to 10V
VIN
0V to V+
2
5
1
3
4
MIC7111
VOUT = VIN
Figure 4. Voltage Follower/Buffer
VOUT
0V to V+
V+
1.8V to 10V
VIN
0V to 2V
2
5
1
3
4
MIC7111
RS
10
Ω
1⁄2W
VS
0.5V to Q1 VCEO(sus)
IOUT
Q1
2N3904
VCEO = 40V
IC(max) = 200mA
{
Change Q1 and RS
for higher current
and/or different gain.
I
V
R
100mA/V as shown
OUT
IN
S
==
Figure 5. Voltage-Controlled Current Sink
V+
0V
R4
100k
R4
100k
R3
100k
VOUT
V+
2
5
1
4
3
MIC7111
C1
0.001µF
R2
100k
V+
Figure 6. Square Wave Oscillator
R3
330k
R1
33k
0V
R2
330k
R4
330k
C1
1µF
VOUT
V+
2
5
1
4
3
MIC7111
CIN
V+
COUT
RL
A
R2
R1
330k
33k
10
V =−
=
= −
Figure 7. AC-Coupled Inverting Amplifier



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com