Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV841 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV841
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV841 Datasheet(HTML) 2 Page - Texas Instruments

  LMV841 Datasheet HTML 1Page - Texas Instruments LMV841 Datasheet HTML 2Page - Texas Instruments LMV841 Datasheet HTML 3Page - Texas Instruments LMV841 Datasheet HTML 4Page - Texas Instruments LMV841 Datasheet HTML 5Page - Texas Instruments LMV841 Datasheet HTML 6Page - Texas Instruments LMV841 Datasheet HTML 7Page - Texas Instruments LMV841 Datasheet HTML 8Page - Texas Instruments LMV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
+
-
+
-
SENSOR
RS
VS
+
-
+
-
Active Band-Pass Filter
High Impedance Sensor Interface
CMOS Input Feature
High Side Current Sensing
Rail-to-Rail Input and Output Feature
VIN
LOAD
+
-
RS
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
Typical Applications
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2 kV
Machine Model
200V
VIN Differential
±300 mV
Supply Voltage (V+ – V−)
13.2V
Voltage at Input/Output Pins
V++0.3V, V−
−0.3V
Input Current
10 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature (4)
+150°C
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp. (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA) / θJA . All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com