Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC913 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC913
Description  350MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC913 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC913 Datasheet HTML 2Page - Micrel Semiconductor MIC913 Datasheet HTML 3Page - Micrel Semiconductor MIC913 Datasheet HTML 4Page - Micrel Semiconductor MIC913 Datasheet HTML 5Page - Micrel Semiconductor MIC913 Datasheet HTML 6Page - Micrel Semiconductor MIC913 Datasheet HTML 7Page - Micrel Semiconductor MIC913 Datasheet HTML 8Page - Micrel Semiconductor MIC913 Datasheet HTML 9Page - Micrel Semiconductor MIC913 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC913
Micrel
MIC913
6
August 2000
0
40
80
120
160
200
0
10
20
30
40
50
0
200
400
600
800
1000
CAPACITIVE LOAD (pF)
Gain Bandwidth and
Phase Margin vs. Load
V
SUPPLY = ±5V
Gain
Bandwidth
Phase
Margin
0
40
80
120
160
200
0
10
20
30
40
50
0
200
400
600
800
1000
CAPACITIVE LOAD (pF)
Gain Bandwidth and
Phase Margin vs. Load
V
SUPPLY = ±9V
Gain
Bandwidth
Phase
Margin
100
125
150
175
200
225
-5
0
5
10
15
20
234
567
89
10
SUPPLY VOLTAGE (
±V)
Gain Bandwidth and
Phase Margin vs. Supply Voltage
Gain
Bandwidth
Phase
Margin
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
406080
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
+85
°C
+25
°C
-40
°C
SOURCING
CURRENT
V
SUPPLY = ±5V
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
-30
-25
-20
-15
-10
-5
0
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
+85
°C
+25
°C
-40
°C
SINKING
CURRENT
V
SUPPLY = ±5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
1
10
100
500
FREQUENCY (MHz)
Closed-Loop
Frequency Response
±2.5V
±5V
±9V
R
L = 150Ω
GAIN = -1
0
20
40
60
80
100
120
FREQUENCY (Hz)
Common-Mode
Rejection Ratio
V
SUPPLY = ±5V
0
20
40
60
80
100
FREQUENCY (Hz)
Positive Power Supply
Rejection Ratio
V
SUPPLY = ±5V
0
20
40
60
80
100
FREQUENCY (Hz)
Negative Power Supply
Rejection Ratio
V
SUPPLY = ±5V
0
20
40
60
80
100
120
FREQUENCY (Hz)
Common-Mode
Rejection Ratio
V
SUPPLY = ±9V
0
20
40
60
80
100
FREQUENCY (Hz)
Positive Power Supply
Rejection Ratio
V
SUPPLY = ±9V
0
20
40
60
80
100
FREQUENCY (Hz)
Negative Power Supply
Rejection Ratio
V
SUPPLY = ±9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com