Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13003DG-X-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13003DG-X-TN3-R
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003DG-X-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13003DG-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJE13003DG-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJE13003DG-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJE13003DG-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJE13003DG-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJE13003D
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R204-025.I
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector- Emitter Voltage (VBE =0)
VCES
700
V
Collector-Emitter Voltage (IB =0)
VCEO
400
V
Emitter-Base Voltage (IC=0, IB=0.75A, tP<10μS)
VEBO
9
V
Collector Current
IC
1.5
A
Collector Peak Current (tP<5ms)
ICM
3
A
Base Current
IB
0.75
A
Base Peak Current (tP<5ms)
IBM
1.5
A
TO-126
1.4
W
TO-92
1.1
W
TO-220
2
W
TA=25°C
TO-251/TO-252
1.56
W
TO-126
20
W
TO-92
1.5
W
TO-220
40
W
Power Dissipation
TC=25°C
TO-251/TO-252
PD
25
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Emitter-Base Breakdown Voltage
BVEBO
IE =10mA, IC=0
9
18
V
Collector-Emitter Sustaining Voltage (Note)
VCEO(SUS)
IC=10mA, IB=0
400
V
Collector Cut-Off Current
ICES
VCE =700V,VBE =0
1
mA
IC=0.5 A, IB=0.1 A
0.5
V
IC=1 A, IB=0.25 A
1
V
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=1.5 A, IB=0.5 A
3
V
IC=0.5 A, IB=0.1 A
1
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=1 A, IB=0.25 A
1.2
V
hFE1
IC=0.5A, VCE =5 V
14
57
DC Current Gain
hFE2
IC=1 A, VCE =5 V
5
30
Rise Time
tR
1
μs
Storage Time
tS
4
μs
Resistive Load
Fall Time
tF
VCC=125 V, IC=1 A, IB1=0.2 A,
IB2=-0.2 A, tP=25μs
0.7
μs
Inductive Load Storage Time
tS
IC=1 A, IB1=0.2 A,VBE =-5 V,
L=50mH, VCLAMP=300V
0.8
μs
Diode Forward Voltage
VF
IF=0.5 A
1.5
V
Note: Pulse Test: Pulse duration ≤ 300μs, Duty cycle ≤ 2%.
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
F
G
H
RANGE
14 ~ 22
21 ~ 27
26 ~ 32
31 ~ 37
36 ~ 42
41 ~ 47
46 ~ 52
51 ~ 57



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com