Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4952TS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4952TS/NOPB
Description  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4952TS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4952TS/NOPB Datasheet HTML 9Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 10Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 11Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 12Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 13Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 14Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 15Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 16Page - Texas Instruments LM4952TS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM4952
www.ti.com
SNAS230A – AUGUST 2004 – REVISED MAY 2013
TA = TJMAX - PDMAX-SEθJA
(3)
For a typical application with a 12V power supply and an SE 4
Ω load, the maximum ambient temperature that
allows maximum stereo power dissipation without exceeding the maximum junction temperature is approximately
77°C for the TS package.
TJMAX = PDMAX-MONOBTLθJA + TA
(4)
Equation 4 gives the maximum junction temperature TJMAX. If the result violates the LM4952's 150°C, reduce the
maximum junction temperature by reducing the power supply voltage or increasing the load resistance. Further
allowance should be made for increased ambient temperatures.
The above examples assume that a device is operating around the maximum power dissipation point. Since
internal power dissipation is a function of output power, higher ambient temperatures are allowed as output
power or duty cycle decreases.
If the result of Equation 1 is greater than that of Equation 2, then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. Further, ensure that speakers rated at a nominal 4
Ω do not fall
below 3
Ω. If these measures are insufficient, a heat sink can be added to reduce θJA. The heat sink can be
created using additional copper area around the package, with connections to the ground pins, supply pin and
amplifier output pins. Refer to the Typical Performance Characteristics curves for power dissipation information at
lower output power levels.
POWER SUPPLY VOLTAGE LIMITS
Continuous proper operation is ensured by never exceeding the voltage applied to any pin, with respect to
ground, as listed in Absolute Maximum Ratings(1)(2)(3).
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a voltage regulator typically use a 10µF in parallel with a 0.1µF filter
capacitors to stabilize the regulator's output, reduce noise on the supply line, and improve the supply's transient
response. However, their presence does not eliminate the need for a local 10µF tantalum bypass capacitance
connected between the LM4952's supply pins and ground. Do not substitute a ceramic capacitor for the
tantalum. Doing so may cause oscillation. Keep the length of leads and traces that connect capacitors between
the LM4952's power supply pin and ground as short as possible.
BYPASS PIN BYPASSING
Connecting a 4.7µF capacitor, CBYPASS, between the BYPASS pin and ground improves the internal bias
voltage's stability and improves the amplifier's PSRR. The PSRR improvements increase as the bypass pin
capacitor value increases. Too large, however, increases turn-on time. The selection of bypass capacitor values,
especially CBYPASS, depends on desired PSRR requirements, click and pop performance (as explained in
SELECTING EXTERNAL COMPONENTS), system cost, and size constraints.
MICRO-POWER SHUTDOWN
The LM4952 features an active-low micro-power shutdown mode. When active, the LM4952's micro-power
shutdown feature turns off the amplifier's bias circuitry, reducing the supply current. The low 55µA typical
shutdown current is achieved by applying a voltage to the SHUTDOWN pin that is as near to GND as possible. A
voltage that is greater than GND may increase the shutdown current.
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specify specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which specify specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com