Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4995TMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4995TMX/NOPB
Description  1.3 W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4995TMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4995TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OUTPUT POWER (mW)
0
200
400
600
800
1000 1200
0
100
400
500
600
700
300
200
OUTPUT POWER (mW)
0
100
200
300
400
500
600
0
50
200
250
300
350
150
100
FREQUENCY (Hz)
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
50 100 200
500 1k
2k
5k 10k
OUTPUT POWER (mW)
0
50
100
150
200
250
300
350
0
50
100
150
200
250
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
LM4995, LM4995TMBD
www.ti.com
SNAS329G – APRIL 2006 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
PSRR vs Frequency
PSRR vs Frequency
VDD = 3V, RL = 8Ω
VDD = 3.6V, RL = 8Ω
Figure 10.
Figure 11.
PSRR vs Frequency
Power Dissipation vs Output Power
VDD = 5V, RL = 8Ω
VDD = 3V, RL = 8Ω
Figure 12.
Figure 13.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 3.6V, RL = 8Ω
VDD = 5V, RL = 8Ω
Figure 14.
Figure 15.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4995 LM4995TMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com